| Electronic Components Datasheet Search |
|
HT46R321 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R321 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc |
|
20 / 45 page ![]() HT46R321 Rev. 1.00 20 August 3, 2007 PCR2 PCR1 PCR0 543210 0 0 0 PB5 PB4 PB3 PB2 PB1 PB0 0 0 1 PB5 PB4 PB3 PB2 PB1 AN0 0 1 0 PB5 PB4 PB3 PB2 AN1 AN0 0 1 1 PB5 PB4 PB3 AN2 AN1 AN0 1 0 0 PB5 PB4 AN3 AN2 AN1 AN0 1 0 1 PB5 AN4 AN3 AN2 AN1 AN0 1 1 x AN5 AN4 AN3 AN2 AN1 AN0 Port B, Port C Configuration The following two programming examples illustrate how to setup and implement an A/D conversion. In the first exam- ple, the method of polling the EOCB bit in the ADCR register is used to detect when the conversion cycle is complete, whereas in the second example, the A/D interrupt is used to determine when the conversion is complete. Example: using EOCB Polling Method to detect end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D converter : : ; As the Port B channel bits have changed the following START ; signal (0-1-0) must be issued within 10 instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D Polling_EOC: sz EOCB ; poll the ADCR register EOCB bit to detect end of A/D conversion jmp polling_EOC ; continue polling mov a,ADRH ; read conversion result high byte value from the ADRH register mov adrh_buffer,a ; save result to user defined memory mov a,ADRL ; read conversion result low byte value from the ADRL register mov adrl_buffer,a ; save result to user defined memory : : jmp start_conversion ; start next A/D conversion Example: using interrupt method to detect end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D converter : ; As the Port B channel bits have changed the following START ; signal (0-1-0) must be issued within 10 instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D clr ADF ; clear ADC interrupt request flag |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |