Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R321 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R321
Description  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
HT46R321
Rev. 1.00
23
August 3, 2007
Bit No.
Label
Function
0
1
2
3
AOF0
AOF1
AOF2
AOF3
OP amp/comparator input offset voltage cancellation control bits
4
ARS
OP amp/comparator input offset voltage cancellation reference selection bit
1/0 : select OPP/OPN (CP/CN) as the reference input
5
AOFM
Input offset voltage cancellation mode and OP amp/comparator mode selection
1: input offset voltage cancellation mode
0: OP amp/comparator
6
OPAOP
OP amp/comparator output; positive logic
7
OPAEN
OP amp/comparator enable/disable (1/0)
If OP/comparator is disabled, output is floating.
OPAC (1FH) Register
If the OP amp/comparator is disabled, the power consumption will be very small. To ensure that power consumption is
minimised when the device is in the Power-down mode, the OP amp/comparator should be switched off by clearing bit
OPAEN to 0 before entering the Power-down mode.
Configuration Options
The following table shows the various microcontroller configuration options. All of the configuration options must be
properly defined to ensure correct system functioning.
No.
Options
1
WDT clock source: WDTOSC or T1 (fSYS/4)
2
WDT function: enable or disable
3
CLRWDT instruction(s): one or two clear WDT instruction(s)
4
System oscillator: RC or crystal
5
Pull-high resistors (PA, PB, PD): none or pull-high
6
PWM enable or disable
7
PA0~PA7 wake-up: enable or disable
8
PFD enable or disable
9
Low voltage reset selection: enable or disable LVR function.
10
Comparator or OP selection
11
PCK or I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com