Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RB50 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46RB50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
HT46RB50
Rev. 1.20
15
November 1, 2006
Timer/Event Counter
Two Timer/Event Counters (TMR0, TMR1) are imple-
mented in the microcontroller. The Timer/Event Counter
0 contains a 8-bit programmable count-up counter and
the clock may come from an external source or an inter-
nal clock source. An internal clock source comes from
fSYS. The Timer/Event Counter 1 contains a 16-bit pro-
grammable count-up counter and the clock may come
from an external source or an internal clock source. An
internal clock source comes from fSYS/4. The external
clock input allows the user to count external events,
measure time intervals or pulse widths, or generate an
accurate time base.
There are five registers related to the Timer/Event
Counter 0; TMR0 (0DH), TMR0C (0EH) and the
Timer/Event Counter 1; TMR1H (0FH), TMR1L (10H),
TMR1C (11H). For 16bits timer to Write data to TMR1L
will only put the written data to an internal lower-order
byte buffer (8-bit) and writing TMR1H will transfer the
specified data and the contents of the lower-order byte
buffer to TMR1H and TMR1L registers. The Timer/Event
Counter 1 preload register is changed by each writing
TMR1H operations. Reading TMR1H will latch the con-
tents of TMR1H and TMR1L counters to the destination
and the lower-order byte buffer, respectively. Reading
the TMR1L will read the contents of the lower-order byte
buffer. The TMR0C (TMR1C) is the Timer/Event Coun-
ter 0 (1) control register, which defines the operating
mode, counting enable or disable and an active edge.
The T0M0, T0M1 (TMR0C) and T1M0, T1M1 (TMR1C)
bits define the operation mode. The event count mode is
used to count external events, which means that the
clock source is from an external (TMR0, TMR1) pin. The
timer mode functions as a normal timer with the clock
source coming from the internal selected clock source.
Finally, the pulse width measurement mode can be used
to count the high or low level duration of the external sig-
nal (TMR0, TMR1), and the counting is based on the in-
ternal selected clock source.
In the event count or timer mode, the timer/event coun-
ter starts counting at the current contents in the
timer/event counter and ends at FFFFH(for 16 bits timer
is FFFFH, bit 8 bits timer will be FFH). Once an overflow
occurs, the counter is reloaded from the timer/event
counter preload register, and generates an interrupt re-
quest flag (T0F; bit 5 of the INTC0, T1F; bit 6 of the
INTC0).
T M 1
T M 0
T M R 0
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 D 2 ~ T 0 D 0
( 6 + 2 ) o r ( 7 + 1 )
C o m p a r e
P W M
T o P D 0 / P D 1 C i r c u i t
8 - B i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - B i t T i m e r / E v e n t C o u n t e r
( T M R 0 )
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
Timer/Event Counter 0
T M 1
T M 0
T M R 1
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
f S Y S / 4
f I N T
1 6 - B i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
1 6 - B i t T i m e r / E v e n t C o u n t e r
( T M R 1 H / T M R 1 L )
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
Timer/Event Counter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com