Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RB50 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46RB50 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Pin Name
I/O
Options
Description
PE2/SDI
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PE2 is pin-shared with SDI. SDI is Serial interface serial
input.
PE3/SDO
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option). The PE3 is pin-shared with SDO. SDO is a Serial interface
serial output.
PE4~PE5
I/O
Pull-high
(nibble option)
Bidirectional I/O lines. Software instructions determine the CMOS output or
Schmitt trigger input with pull-high resistor (determined by pull-high options:
nibble option).
RES
I
¾
Schmitt trigger reset input, active low
VSS
¾¾
Negative power supply, ground
AVSS
¾¾
ADC negative power supply, ground
VDD
¾¾
Positive power supply
AVDD
¾¾
ADC positive power supply, AVDD should be externally connected to VDD.
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to a 6MHz or 12MHz Crystal/resonator (de-
termined by software instructions) for the internal system clock.
V33O
O
¾
3.3V regulator output.
UDP
I/O
¾
UDP is USBD+ line
USB function is controlled by software control register.
UDN
I/O
¾
UDN is USBD- line
USB function is controlled by software control register.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=6MHz
2.2
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
IDD1
Operating Current (6MHz Crystal)
5V
No load, fSYS=6MHz
¾
6.5
12
mA
IDD2
Operating Current (12MHz Crystal)
3V
No load, fSYS=12MHz
¾
3.6
10
mA
5V
¾
7.5
16
mA
ISTB1
Standby Current (WDT Enabled)
3V
No load, system HALT,
USB suspended
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current (WDT Disabled)
3V
No load, system HALT,
USB suspended
¾¾
1
mA
5V
¾¾
2
mA
HT46RB50
Rev. 1.20
4
November 1, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com