Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1205HSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1205HSTR
Description  high speed syncronous power mosfet driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205HSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1205HSTR Datasheet HTML 1Page - Semtech Corporation SC1205HSTR Datasheet HTML 2Page - Semtech Corporation SC1205HSTR Datasheet HTML 3Page - Semtech Corporation SC1205HSTR Datasheet HTML 4Page - Semtech Corporation SC1205HSTR Datasheet HTML 5Page - Semtech Corporation SC1205HSTR Datasheet HTML 6Page - Semtech Corporation SC1205HSTR Datasheet HTML 7Page - Semtech Corporation SC1205HSTR Datasheet HTML 8Page - Semtech Corporation SC1205HSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1205H
High Speed Synchronous Power
MOS.ET Driver
PRELIMINARY
.eatures
Applications
Revision 2, June 2002
The SC1205H is a cost effective, High Drive Voltage,
Dual MOS.ET Driver designed for switching High and Low
side Power MOS.ETs. Each driver is capable of Ultra-
fast rise/fall times as well as a 20ns max propagation
delay from input transition to the gate of the power .ET’s.
An internal Overlap Protection circuit prevents shoot-
through from Vin to GND in the main and synchronous
MOS.ETs. The Adaptive Overlap Protection circuit en-
sures the Bottom .ET does not turn on until the Top .ET
source has reached a voltage low enough to prevent
cross-conduction.
Higher gate voltage drive capability of 8V (top and
bottom) optimally reduces Rds_on of power MOS.ETs
without excessive driver and .ET switching losses. The
high current drive capability (5A peak) allows fast switch-
ing, thus reducing switching losses at high (up to 1MHz)
frequencies without causing thermal stress on the driver.
The high voltage CMOS process allows operation from 5-
18 Volts at top MOS.ET drain, thus making SC1205H
suitable for battery powered applications. Connecting
Enable pin (EN) to logic low shuts down both drives and
reduces operating current to less than 10µA.
An under-voltage-lock-out and overtemperature shut-
down feature is included to guarantee proper and safe
operation. The SC1205H is offered in a standard SO-8
package.
K Higher efficiency (>90%)
K .ast rise and fall times (15ns typical with 3000pf
load)
KHigher gate drive voltage (8V) for optimum
MOS.ET RDS_ON at minimum switching loss
K Ultra-low (<20ns) propagation delay (BG going low)
K 5 Amp peak drive current
K Adaptive non-overlapping gate drives provide
shoot-through protection
K .loating top drive switches up to 18V
K Under-voltage lock-out
K Over-temperature shutdown
K Less than 10µA supply current when EN is low
K Low cost
K Intel PentiumTM power supplies
K AMD AthlonTM and K8TM power supplies
K High efficiency portable and notebook computers
K Battery powered applications
K High frequency (to 1.0 MHz) operation allows use
of small inductors and low cost caps in place of
electrolytics
Typical Application Circuit
1.5V,40A
+8V
SC1205H
CO
BST
TG
DRN
VS
EN
BG
GND
+8V
10
70N03
SC1205H
CO
BST
TG
DRN
VS
EN
BG
GND
70N03
10nf
SC2422B
12
9
2
3
1
13
7
5
6
11
14
4
10
15
16
8
OUT2
GND
VID3
VID2
VID4
OUT1
FB
VID0
ERROUT
OC-
OC+
VID1
UVLO
BGOUT
VCC
RREF
70N03
10u,CER
Ri
2200uf
70N03
Rf
Vin 5-12V
2.5m
+8V
Rref
Description


Similar Part No. - SC1205HSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Littelfuse
SC1205-01ETG LITTELFUSE-SC1205-01ETG Datasheet
449Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
SC1205-01UTG LITTELFUSE-SC1205-01UTG Datasheet
553Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
logo
Semtech Corporation
SC1205CS SEMTECH-SC1205CS Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
More results

Similar Description - SC1205HSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
Advanced Power Technolo...
DRF100 ADPOW-DRF100 Datasheet
2Mb / 12P
High Speed MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com