Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1205HSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1205HSTR
Description  high speed syncronous power mosfet driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205HSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1205HSTR Datasheet HTML 5Page - Semtech Corporation SC1205HSTR Datasheet HTML 6Page - Semtech Corporation SC1205HSTR Datasheet HTML 7Page - Semtech Corporation SC1205HSTR Datasheet HTML 8Page - Semtech Corporation SC1205HSTR Datasheet HTML 9Page - Semtech Corporation SC1205HSTR Datasheet HTML 10Page - Semtech Corporation SC1205HSTR Datasheet HTML 11Page - Semtech Corporation SC1205HSTR Datasheet HTML 12Page - Semtech Corporation SC1205HSTR Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1205H
PRELIMINARY
Rise and fall time of gate drives of the SC1205H with
VCC = VBST = +8V.
Ch1:Top gate drive, Ch2:Bottom Gate drive
Note that these rise and fall times are achieved while
driving 2X .DB7030BL MOS.ETs on top and 2X
.DB7030BL on the bottom (synchronous).
Vin = 5V
Vcc = Vbst = 8V
Iout = 20A/phase
All gate drive resistors are set to zero for this test.
.igure 3: Rise and fall time and propagation delay of SC1205H, driving two top
and two bottom .ETs, All .ETS , .DB7030BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com