Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12PM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR12PM
Description  Isolated Triac 12 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12PM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR12PM Datasheet HTML 1Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 2Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 3Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 4Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 5Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
H
0.126 ±0.008 Dia. 3.2 ±0.2 Dia.
J
0.11
2.8
K
0.102
2.6
L
0.10
2.5
M
0.039
1.0
N
0.031
0.8
P
0.020
0.5
Dimensions
Inches
Millimeters
A
0.67
17.0
B
0.49 Min.
12.5 Min.
C
0.39
10.0
D
0.33
8.5
E
0.20
5.0
F
0.18
4.5
G
0.14
3.6
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Full Molded Isolation Package
□ Glass Passivation
□ 1500 VRMS Isolation Voltage
□ Selected for Inductive Loads
□ UL Approved
Applications:
□ AC Switch
□ Motor Controls
□ Lighting
Ordering Information:
Example: Select the complete
eight, nine or ten digit part number
you desire from the table - i.e.
BCR12PM-8 is a 400 Volt,
12 Ampere Triac.
VDRM
Inductive
Type
Volts
Code
Load*
BCR12PM
400
-8
L
600
-12
*For inductive load, add L.
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Isolated Triac
12 Amperes/400-600 Volts
BCR12PM
Outline Drawing (Conforms to TO-220F)
T-63
ŒŽ
C
5.2
H
D
1.2
A
E
J
K
P
G
B
N
M
L
L
F
Œ
Ž

CONNECTION DIAGRAM
OUTLINE DRAWING
Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE TERMINAL


Similar Part No. - BCR12PM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR12PM MITSUBISHI-BCR12PM Datasheet
93Kb / 5P
MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
HAOPIN MICROELECTRONICS...
BCR12PM HAOPIN-BCR12PM Datasheet
541Kb / 6P
Three quadrant triacs
logo
Renesas Technology Corp
BCR12PM-12L RENESAS-BCR12PM-12L Datasheet
124Kb / 8P
Triac Medium Power Use
BCR12PM-12LA RENESAS-BCR12PM-12LA Datasheet
124Kb / 8P
Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR12PM-12LA ISC-BCR12PM-12LA Datasheet
170Kb / 1P
isc Thyristors
More results

Similar Description - BCR12PM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
Triac 16 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
Isolated Triac 16 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR5PM POWEREX-BCR5PM Datasheet
83Kb / 6P
Isolated Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com