Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12PM Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # BCR12PM
Description  Isolated Triac 12 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12PM Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  BCR12PM Datasheet HTML 1Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 2Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 3Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 4Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 5Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Commutating
dv/dt, (dv/dt)c
Commutating Voltage &
Part
VDRM
(V/ sec)
Current Waveform
Number
(Volts) Load Type Minimum
Test Condition
(Inductive Load)
BCR12PM-8L 400
L
10
Tj = 125°C,
BCR12PM-12L 600
L
10
Rate of Decay
On-state
Commutating
Current
(di/dt)c = -6A/msec;
Peak Off-state
Voltage
VD = 400V
SUPPLY
VOLTAGE
(di/dt)C
(dv/dt)C
VD
VD
MAIN
CURRENT
MAIN
VOLTAGE
t
t
t
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR12PM
Isolated Triac
12 Amperes/400-600 Volts
T-66
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction-to-case
Rth(j-c)
–
–
–
3.5
°C/W
Steady State Thermal Resistance,
Rth(j-a)
–
–
–
60
°C/W
Junction-to-ambient
Voltage – Blocking State
IDRM
Gate Open Circuited,
–
–
2
mA
Repetitive Off-state Current
VD = VDRM, Tj = 125°C
Current – Conducting State
VTM
Tc = 25°C,
–
–
1.6
Volts
Peak On-state voltage
ITM = 20A
Critical Rate-of-rise of Commutating
(dv/dt)c
–
–
–
–
V/ s
Off-state Voltage (Commutating dv/dt)
v for inductive load (L)
(Switching)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com