Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP110 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments TMP110 Datasheet HTML 10Page - Texas Instruments TMP110 Datasheet HTML 11Page - Texas Instruments TMP110 Datasheet HTML 12Page - Texas Instruments TMP110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C and V+ = 3.3V (unless otherwise noted)
Temperature (C)
-40
-20
0
20
40
60
80
100
120
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
V+ = 1.4V to 5V
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
Figure 6-8. Standby Current vs Temperature
Bus Frequency (Hz)
0x100
5x105
1x106 1.5x106 2x106 2.5x106 3x106 3.4x106
0
5
10
15
20
25
30
35
40
45
50
TA = -40C and 25C
TA = -40C
TA = 25C
TA = 125C
Figure 6-9. Shutdown Current vs Bus Frequency (Temperature
at 3.3V Supply)
Te mperature (C)
-40
-20
0
20
40
60
80
100
120
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
12.2
12.4
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 5V
Figure 6-10. Conversion Time vs Temperature
Te meperature (C)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
8 Conv/s
4 Conv/s
1 Conv/s
0.25 Conv/s
Figure 6-11. Average Supply Current (continous conversion
mode) vs Conversion Rate
Te mperature Error (mC)
-187.5
-125
-62.5
0
62.5
125
187.5
0
20
40
60
80
Figure 6-12. Temperature Error at 25 °C (V+ = 1.4V to 5.5V)
Figure 6-13. Sampling Time vs Temperature
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com