Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP110 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP110 Datasheet HTML 26Page - Texas Instruments TMP110 Datasheet HTML 27Page - Texas Instruments TMP110 Datasheet HTML 28Page - Texas Instruments TMP110 Datasheet HTML 29Page - Texas Instruments TMP110 Datasheet HTML 30Page - Texas Instruments TMP110 Datasheet HTML 31Page - Texas Instruments TMP110 Datasheet HTML 32Page - Texas Instruments TMP110 Datasheet HTML 33Page - Texas Instruments TMP110 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
9.3 Power Supply Recommendations
The TMP113 operates with power supply in the range of 1.4V to 5.5V and slew rate as low as 10mV/ms.
The device can measure temperature accurately in the full supply range. A power-supply bypass capacitor is
required for proper operation. Place this capacitor as close as possible to the supply and ground pins of the
device. A typical value for this supply bypass capacitor is 0.01μF. Applications with noisy or high-impedance
power supplies can require additional decoupling capacitors to reject power-supply noise.
9.4 Layout
9.4.1 Layout Guidelines
The TMP113 is a simple device to layout. Place the power-supply bypass capacitor as close as possible to
the supply and ground pins. The recommended value of this bypass capacitor is 0.01μF. Additional decoupling
capacitance can be added to compensate for noisy or high-impedance power supplies. Pull up the open-drain
output pins (SDA, SCL and ALERT) through 5kΩ or 20kΩ pullup resistors.
9.4.2 Layout Example
5k
5k
5k
10nF
Via to Power Plane
Via to Internal Plane
Internal Layer Trace
Top/Bottom Layer Trace
I
2C Bus
MCU INT
WCSP Ball
SDA
ADD0
V+
SCL
ALERT
GND
TMP113
Top View
Via to Ground Plane
Figure 9-3. Layout Example
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com