Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2615 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2615
Description  Complete DDR Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2615 Datasheet HTML 1Page - Semtech Corporation SC2615 Datasheet HTML 2Page - Semtech Corporation SC2615 Datasheet HTML 3Page - Semtech Corporation SC2615 Datasheet HTML 4Page - Semtech Corporation SC2615 Datasheet HTML 5Page - Semtech Corporation SC2615 Datasheet HTML 6Page - Semtech Corporation SC2615 Datasheet HTML 7Page - Semtech Corporation SC2615 Datasheet HTML 8Page - Semtech Corporation SC2615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Notes:
(1) Mounting considerations: The thermal copper pad on bottom of device must be soldered to a solid copper
area, of 1 inch * 1 inch (min.) with multiple vias under the device to achieve specified
θ
JA and θ JC,
(See recommended land pattern).
(2) This limit indicates that the regulator has a current limit threshold that is greater than the rated Minimum
current. The rated current can only be achieved if the Absolute Maximum Junctions temperatures are not
violated. The amount of heatsinking determines the maximum usable VTT current.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
a
e
n
i
L
Q
D
D
V
e
g
a
tl
o
V
t
u
p
t
u
OV
T
U
O
1
R
D
D0
5
4
.
25
.
20
5
5
.
2V
2
R
D
D4
6
7
.
18
.
16
3
8
.
1V
t
n
e
r
r
u
C
t
r
a
t
S
tf
o
SI
S
S
5
2A
µ
e
g
a
tl
o
V
p
ir
T
t
n
e
r
r
u
c
r
e
v
OV
P
I
R
T
0
50
60
7%
h
t
d
i
w
d
n
a
B
r
e
if
il
p
m
A
r
o
r
r
EW
B5
z
H
M
n
o
it
a
l
u
g
e
R
d
a
o
LT
x
a
m
j
C
°
5
2
1
<2
%
n
i
a
G
r
e
if
il
p
m
A
r
o
r
r
EL
O
A5
7b
d
w
o
L
d
o
o
G
r
e
w
o
Pk
n
i
s
A
m
10
50
0
4V
m
e
g
a
k
a
e
L
h
g
i
H
d
o
o
G
r
e
w
o
PV
51
.
02
A
µ
O
D
L
Y
B
T
S
t
n
e
r
r
u
C
t
u
p
t
u
O3
S0
5
6A
m
n
o
it
a
l
u
g
e
R
d
a
o
LT
x
a
m
j
C
°
5
2
1
<2
%
O
D
L
T
T
V
s
t
n
e
r
r
u
C
k
n
i
S
d
n
a
e
c
r
u
o
S
)
2
(
I
T
T
8
.
10
.
2A
n
o
it
a
l
u
g
e
R
d
a
o
L
5
.
2%
n
i
a
G
r
e
if
il
p
m
A
r
o
r
r
EG
A
E
5
7b
d
Electrical Characteristics (Cont.)
Unless specified: T
A = 0 to 70°C, VCC12 = 12V, VCC3 = 3.3V, 5VSTBY = 5V.
POWER MANAGEMENT
SC2615
3
 2003 Semtech Corp.
www.semtech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com