Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2688 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2688
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2688 Datasheet HTML 1Page - Semtech Corporation SC2688 Datasheet HTML 2Page - Semtech Corporation SC2688 Datasheet HTML 3Page - Semtech Corporation SC2688 Datasheet HTML 4Page - Semtech Corporation SC2688 Datasheet HTML 5Page - Semtech Corporation SC2688 Datasheet HTML 6Page - Semtech Corporation SC2688 Datasheet HTML 7Page - Semtech Corporation SC2688 Datasheet HTML 8Page - Semtech Corporation SC2688 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2688
Block Diagram
LDOEN
OSCILLATOR
AGND
1.5V FET
CONTROLLER
FB
LDOS1
ERROR
AMP
70mV
GATE2
LEVEL SHIFT AND
HIGH SIDE DRIVE
REF
2.5V FET
CONTROLLER
+
-
1.265V
REF
+
-
+
-
R
S
Q
BST
CURRENT
LIMIT
DH
LDOS2
GATE1
DL
EN
VCC
SYNCHRONOUS
MOSFET DRIVE
SHOOT-THRU
CONTROL
PGND
CS-
LDOV
CS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com