Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2688 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2688
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2688 Datasheet HTML 4Page - Semtech Corporation SC2688 Datasheet HTML 5Page - Semtech Corporation SC2688 Datasheet HTML 6Page - Semtech Corporation SC2688 Datasheet HTML 7Page - Semtech Corporation SC2688 Datasheet HTML 8Page - Semtech Corporation SC2688 Datasheet HTML 9Page - Semtech Corporation SC2688 Datasheet HTML 10Page - Semtech Corporation SC2688 Datasheet HTML 11Page - Semtech Corporation SC2688 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2688
Component Selection (Cont.)
sider conduction losses to determine FET suitability.
For a 5V in; 2.8V out at 14.2A requirement, typical FET
losses would be:
Using 1.5X Room temp R
DS(ON) to allow for temperature rise.
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
19
6
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
19
1
.
1D2
k
a
P
0
1
4
4
i
S0
26
2
.
28
-
0
S
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into conduc-
tion at the beginning and end of the bottom switch con-
duction period, so when the FET turns on and off, there
is very little voltage across it, resulting in low switching
losses. Conduction losses for the FET can be determined
by:
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
−
⋅
⋅
=
For the example above:
e
p
y
t
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
5
2
0
4
3
L
R
I5
13
3
.
1D2
k
a
P
3
0
2
2
L
R
I5
.
0
13
9
.
0D2
k
a
P
0
1
4
4
i
S0
27
7
.
18
-
0
S
Each of the package types has a characteristic thermal
impedance. For the surface mount packages on double
sided FR4, 2 oz printed circuit board material, thermal
impedances of 40oC/W for the D2PAK and 80oC/W for the
SO-8 are readily achievable. The corresponding tempera-
ture rise is detailed below:
(
e
s
i
R
e
r
u
t
a
r
e
p
m
e
T
O
)
C
e
p
y
t
T
E
FT
E
F
p
o
TT
E
F
m
o
t
t
o
B
5
2
0
4
3
L
R
I6
.
7
62
.
3
5
3
0
2
2
L
R
I6
.
7
42
.
7
3
0
1
4
4
i
S8
.
0
8
16
.
1
4
1
It is apparent that single SO-8 Si4410 are not adequate
for this application, but by using parallel pairs in each
position, power dissipation will be approximately halved
and temperature rise reduced by a factor of 4.
INPUT CAPACITORS - since the RMS ripple current in the
input capacitors may be as high as 50% of the output
current, suitable capacitors must be chosen accordingly.
Also, during fast load transients, there may be restrictions
on input di/dt. These restrictions require useable energy
storage within the converter circuitry, either as extra
output capacitance or, more usually, additional input ca-
pacitors. Choosing low ESR input capacitors will help maxi-
mize ripple rating for a given size.
GATE RESISTOR SELECTION - The gate resistors for the
top and bottom switching FETs limit the peak gate current
and hence control the transition time. It is important to
control the off time transition of the top FET, it should be
fast to limit switching losses, but not so fast as to cause
excessive phase node oscillation below ground as this can
lead to current injection in the IC substrate and erratic
behaviour or latchup. The actual value should be deter-
mined in the application, with the final layout and FETs.
SHORT CIRCUIT PROTECTION - LINEARS
The Short circuit feature on the linear controllers is imple-
mented by using the Rds(on) of the FETs. As output cur-
rent increases, the regulation loop maintains the output
voltage by turning the FET on more and more. Eventually,
as the Rds(on) limit is reached, the FET will be unably to
turn on more fully, and output voltage will start to fall.
When the output voltage falls to approximately 40% of
nominal, the LDO controller is latched off, setting output
voltage to 0. Power must be cycled to reset the latch.
To prevent false latching due to capacitor inrush currents
or low supply rails, the current limit latch is initially dis-
abled. It is enabled at a preset time (nominally 2ms) after
both the LDOV and LDOEN pins rise above their lockout
points.
To be most effective, the linear FET Rds(on) should not be
selected artificially low, the FET should be chosen so that,
at maximum required current, it is almost fully turned on.
If, for example, a linear supply of 1.5V at 4A is required
from a 3.3V ± 5% rail, max allowable Rds(on) would be.
Rds(on)max = (0.95*3.3-1.5)/4 » 400m
Ω
To allow for temperature effects 200m
Ω would be a suit-
able room temperature maximum, allowing a peak short
circuit current of approximately 15A for a short time be-
fore shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com