Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480ITSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1480ITSTR
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1480ITSTR Datasheet HTML 10Page - Semtech Corporation SC1480ITSTR Datasheet HTML 11Page - Semtech Corporation SC1480ITSTR Datasheet HTML 12Page - Semtech Corporation SC1480ITSTR Datasheet HTML 13Page - Semtech Corporation SC1480ITSTR Datasheet HTML 14Page - Semtech Corporation SC1480ITSTR Datasheet HTML 15Page - Semtech Corporation SC1480ITSTR Datasheet HTML 16Page - Semtech Corporation SC1480ITSTR Datasheet HTML 17Page - Semtech Corporation SC1480ITSTR Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
4.5V - 25V
C6
1uF
R6
10K
1.25VOUT
C10
10uF
PGOOD
C7
1000pF
+
C9
150uF
R1
20K
R4
10
R7
NO_POP
R5
1M
+5V_SUS
R3
20K
2.50V_SUS
+5V_RUN
C2
10uF/25V
Q1
Si4818DY
4
1
2
5
6
7
D1
ZHCS400
REFOUT
U1
SC1480
1
2
3
4
5
6
7
8
9
10
11
12
13
14
REFIN
TON
REFOUT
VCCA
FBK
PGOOD
GND
PGND
DL
VDDP
ILIM
LX
DH
BST
+5V
C8
0.01uF
C1
10uF/10V
L1
4.1uH
C3
1uF
C4
1uF
C5
0.1uF
R2
1M
VIN = 4.5V - 25V
VOUT = 1.25V; IOUT = 3A
Reference Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com