Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1480ITSTR Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC1480ITSTR
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTR Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC1480ITSTR Datasheet HTML 14Page - Semtech Corporation SC1480ITSTR Datasheet HTML 15Page - Semtech Corporation SC1480ITSTR Datasheet HTML 16Page - Semtech Corporation SC1480ITSTR Datasheet HTML 17Page - Semtech Corporation SC1480ITSTR Datasheet HTML 18Page - Semtech Corporation SC1480ITSTR Datasheet HTML 19Page - Semtech Corporation SC1480ITSTR Datasheet HTML 20Page - Semtech Corporation SC1480ITSTR Datasheet HTML 21Page - Semtech Corporation SC1480ITSTR Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
SC1480EVB Efficiency at V
OUT = 1.25V
SC1480EVB Line Regulation at V
OUT = 1.25V
SC1480EVB Load Regulation at V
OUT = 1.25V
Frequency vs. Input Voltage
(I
OUT = 1A, VOUT = 1.25V, Rton = 1M)
Frequency vs. Load Current
(V
IN = 15V, VOUT = 1.25V, Rton = 1M)
Rton vs. Frequency
(V
IN = 15V, VOUT = 1.25V, IOUT = 1A)
60
65
70
75
80
85
90
95
100
0.1
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Current (Amps)
VIN=25V
VIN=14V
VIN=4.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
012345
Load Current (Amps)
VIN=4.5V
VIN=10V
VIN=14V
VIN=19V
VIN=25V
200
210
220
230
240
250
260
270
280
290
0123456
Load Current (Amps)
0
0.1
0.2
0.3
0.4
0.5
0.6
4.5
10
14
19
25
Input Voltage (Volts)
IOUT=0A
IOUT=1A
IOUT=2A
IOUT=3A
IOUT=4A
IOUT=5A
0
100
200
300
400
500
600
400
500
600
700
800
1000
1500
Rton (kohms)
200
210
220
230
240
250
260
270
280
5
10152025
Input Voltage (Volts)
Typical Characteristic (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com