Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1403ITSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1403ITSTR Datasheet HTML 1Page - Semtech Corporation SC1403ITSTR Datasheet HTML 2Page - Semtech Corporation SC1403ITSTR Datasheet HTML 3Page - Semtech Corporation SC1403ITSTR Datasheet HTML 4Page - Semtech Corporation SC1403ITSTR Datasheet HTML 5Page - Semtech Corporation SC1403ITSTR Datasheet HTML 6Page - Semtech Corporation SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
United States Patent No. 6,377,032
www.semtech.com
SC1403
Mobile Multi-Output PWM Controller
with Lossless Current Sense
POWER MANAGEMENT
Revision 5, April 2004
Description
Features
Applications
Typical Application Circuit
The SC1403 is a multiple-output power supply controller
designed to power battery operated systems. The
SC1403 provides synchronous buck converter control
for two (3.3V and 5V) power supplies. An efficiency of
95% can be achieved for the two supplies. The SC1403
uses Semtech’s proprietary Virtual Current Sense
™ tech-
nology along with external error amplifier compensation
to achieve enhanced stability and DC accuracy over a
wide range of output filter components while maintain-
ing fixed frequency operation. Lossless current sensing
can be used to eliminate current sense resistors and
reduce cost. The SC1403 also provides a 5V linear regu-
lator for system housekeeping. The 5V linear regulator
is derived from the battery; for improved efficiency, the
output is switched to the 5V output when available.
Control functions include power-up sequencing, soft start,
power-good signaling, and frequency synchronization. Line
and load regulation is to +/-1%. The internal oscillator
can be set to 200kHz, 300kHz, or synchronized to an
external clock. The mosfet drivers provide >1A peak
drive current for fast mosfet switching.
The SC1403 includes a PSAVE# input to select pulse skip-
ping mode for high efficiency at light load, or fixed fre-
quency mode for low noise operation.
3.3V and 5V dual synchronous outputs, resistor
programmable to 2.5V
Fixed frequency or PSAVE operation for maximum
efficiency over wide load range
5V / 50mA linear regulator
Virtual Current Sense™ for enhanced stability
Lossless current limiting
Out of phase switching reduces input capacitance
External compensation supports wide range of
output filter components
Programmable power-up sequence
Power Good output
Output overvoltage and overcurrent protection with
output undervoltage shutdown
6µA typical shutdown current
6mW typical quiescent power
Notebook and subnotebook computers
Tablet PCs
Embedded applications


Similar Part No. - SC1403ITSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1403ITSTR SEMTECH-SC1403ITSTR Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
More results

Similar Description - SC1403ITSTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
Single Output Mobile-Friendly PWM Controller
December 28, 2004
logo
Semtech Corporation
SC1403 SEMTECH-SC1403 Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
Single Output Mobile-Friendly PWM Controller
June 8, 2006
logo
Semtech Corporation
SC1404 SEMTECH-SC1404_05 Datasheet
458Kb / 25P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
Single Output Mobile-Friendly PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com