Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1403ITSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1403ITSTR
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1403ITSTR Datasheet HTML 7Page - Semtech Corporation SC1403ITSTR Datasheet HTML 8Page - Semtech Corporation SC1403ITSTR Datasheet HTML 9Page - Semtech Corporation SC1403ITSTR Datasheet HTML 10Page - Semtech Corporation SC1403ITSTR Datasheet HTML 11Page - Semtech Corporation SC1403ITSTR Datasheet HTML 12Page - Semtech Corporation SC1403ITSTR Datasheet HTML 13Page - Semtech Corporation SC1403ITSTR Datasheet HTML 14Page - Semtech Corporation SC1403ITSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
 2004 Semtech Corp.
SC1403
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Startup Sequence Chart
Functional Information (Cont.)
Q
E
S3
N
O5
N
OT
E
S
E
RN
O
I
T
P
I
R
C
S
E
D
F
E
RW
O
LW
O
L.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F
.f
f
o
s
S
P
M
S
h
t
o
B
.
e
d
o
m
l
o
r
t
n
o
c
t
r
a
t
s
t
n
a
d
n
e
p
e
d
n
I
F
E
RW
O
LH
G
I
H.
w
o
L.
F
F
O
S
P
M
S
V
3
.
3
,
N
O
S
P
M
S
V
5
F
E
RH
G
I
HW
O
L.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F.
F
F
O
S
P
M
S
V
5
,
N
O
S
P
M
S
V
3
.
3
F
E
RH
G
I
HH
G
I
H.
S
P
M
S
V
3
.
3
s
w
o
ll
o
F.
n
o
s
S
P
M
S
h
t
o
B
D
N
GW
O
LX
.
w
o
L.f
f
o
s
S
P
M
S
h
t
o
B
D
N
GH
G
I
HW
O
L
/
H
G
I
He
r
a
s
t
u
p
t
u
o
h
t
o
b
r
e
tf
a
h
g
i
H
.
n
o
it
a
l
u
g
e
r
n
i
,
H
G
I
H
=
5
N
O
fI
.
h
g
i
h
s
e
o
g
3
N
O
n
e
h
w
s
t
r
a
t
s
V
5
.f
f
o
s
i
V
3
,
W
O
L
=
5
N
O
fI
.
n
o
s
i
V
3
L
VW
O
LX
.
w
o
L.f
f
o
s
S
P
M
S
h
t
o
B
L
VH
G
I
HW
O
L
/
H
G
I
He
r
a
s
t
u
p
t
u
o
h
t
o
b
r
e
tf
a
h
g
i
H
.
n
o
it
a
l
u
g
e
r
n
i
,
H
G
I
H
=
5
N
O
fI
.
h
g
i
h
s
e
o
g
3
N
O
n
e
h
w
s
t
r
a
t
s
V
3
.f
f
o
s
i
V
5
,
W
O
L
=
5
N
O
fI
.
n
o
s
i
V
5
Applications Information
Reference Circuit Design
The schematic for the reference circuit is shown on page 27. The
reference circuit is configured as follows:
Switching Regulator 1
Vout1 = 3.3V @ 6A
Switching Regulator 2
Vout2 = 5.0V @ 6A
Linear Regulator
Vout3 = 5.0V @ 50mA
Input voltage
Vin = 7 to 21V
Designing the Output Filter
Before calculating the filter inductance and capacitance, an
acceptable inductor ripple current is determined. Maximum
allowable ripple depends on the transient requirements. Ripple
current is usually set at 10% to 20% of the maximum load. However,
increasing the ripple current allows for a smaller inductor and will
also quicken the output transient response. In this example, we
set the ripple current to be 25% of maximum load.
A
A
IO
5
.
1
6
%
25
=
×
=
∆
The inductance is found from ripple current, frequency, input
voltage, and output voltage. Minimum required inductance is
found at maximum Vin, where ripple current is the greatest.
uH
Io
F
Vin
Vo
Vo
min
L
18
.
6
)
/
1
(
=
∆
×
−
×
=
The next standard value is 6.8uH. For the reference design, the
Coiltronics DR127-6R8 is used.
To specify the output capacitance, the allowable output ripple
voltage must be determined. Output ripple is often specified at
1% of the output voltage. For the 3.3V output, we selected a
maximum ripple voltage of 33mVp-p. The maximum allowable
ESR would then be:
Ω
=
=
∆
∆
=
m
A
mV
I
V
ESR
O
O
MAX
22
5
.
1
/
33
/
Panasonic SP Polymer Aluminum capacitors are a good choice.
For this design, use one 180uF, 4V device, with ESR of 15m
Ω.
The output capacitor must support the inductor RMS ripple current.
To check the actual ripple versus the capacitor’s RMS rating:
A
A
I
I
O
actual
RMS
43
.
0
12
5
.
1
12
_
=
=
∆
=
This is much less than the capacitor’s ripple rating of 3.3A.
Choosing Current Sense Components
Since the SC1403 implements Virtual Current SenseTM, current
sensing is not required for the control loop. But it is required for
cycle-by-cycle current limit and for startup. Cycle-by-cycle current
limit is reached when the voltage of CSH-CSL exceeds 55mV nomi-
nal. Depending on the system requirement, this current limit can
vary, but it is typically 10% to 30% higher than the maximum load.
This design uses the DC resistance of the inductor as a current
sense element, which eliminates the cost and space required for
a separate current sense resistor. Below is a typical DCR applica-
tion circuit. The inductor is shown along with it’s wiring resistance
RL. In place of the current sense resistor are C, R2, and R1, which
are connected across the inductor terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com