Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1403ITSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1403ITSTRT
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1403ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
 2004 Semtech Corp.
SC1403
PRELIMINARY
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Pin Configuration
Ordering Information
e
c
i
v
e
De
g
a
k
c
a
PT
(
.
p
m
e
T
A)
R
T
S
T
I
3
0
4
1
C
S8
2
-
P
O
S
S
TC
°
5
8
+
-
0
4
-
T
R
T
S
T
I
3
0
4
1
C
S8
2
-
P
O
S
S
T
n
o
it
p
o
e
e
r
f
-
d
a
e
L
C
°
5
8
+
-
0
4
-
Block Diagram
1
2
3
4
5
6
7
8
ON3
CSH3
TOP VIEW
(28 Pin TSSOP)
27
28
15
16
DH3
CSL3
PHASE3
FB3
BST3
COMP3
DL3
COMP5
SHDN#
SYNC
V+
ON5
VL
GND
9
10
22
PGND
REF
DL5
PSAVE#
21
18
17
19
20
11
12
24
BST5
RESET#
PHASE5
FB5
23
25
26
13
14
DH5
CSL5
SEQ
CSH5
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com