Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1403ITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1403ITSTRT
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1403ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
 2004 Semtech Corp.
SC1403
PRELIMINARY
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Functional Information (Cont.)
g
n
i
d
a
o
L
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
1
1
5K
7
6
.
2K
9
.
9
4K
5
5
2g
e
M
1
f
e
r
V
n
o
it
a
i
v
e
D
V
m
3
.
8V
m
1
.
3V
m
5
.
0V
m
3
.
0V
m
0
Current Sense (CSH, CSL)
Output current of each supply is sensed as the voltage between
the CSH and CSL pins. Overcurrent is detected when the current
sense voltage exceeds +55/-50 mV typical. A positive overcurrent
turns off the high-side driver, a negative overcurrent turns off the
low-side driver; each on a cycle-by-cycle basis. Output current can
be sensed by DCR (lossless) sensing, or optionally with a current-
sense resistor; see Applications Information.
Oscillator
When the SYNC pin is high the oscillator runs at 300kHz; when
SYNC is low the frequency is 200kHz. The oscillator can be
synchronized to the falling edge of a clock on the SYNC pin with a
frequency between 240kHz and 350kHz. In general, 200kHz
operation provides highest efficiency, while 300kHz is used to
obtain smaller output ripple and/or smaller filter components.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1403 provides
overtemperature, output overvoltage, and undervoltage
protection. Overtemperature protection will shut the device down
if die temperature exceeds 150
°C, with 10°C hysteresis.
If either SMPS output is more than 10% above its nominal value,
both SMPS are latched off and the low side mosfets are latched
on. To prevent the output from ringing below ground in a fault
condition, a 1A Schottky diode should be placed across each output.
Two different levels of undervoltage (UV) are detected. If the output
falls 9% below its nominal value, the RESET# output is pulled low.
If the output falls 25% below its nominal value, both SMPS are
latched off.
Both of the latched faults (OVP and UV) persist until SHDN or ON3
is toggled, or the V+ input is brought below 1V.
Shutdown and Operating Modes
Holding the SHDN pin low disables the SC1403, reducing the V+
input current to less than 10uA. When SHDN is high, the part
enters standby mode where the VL regulator and VREF are enabled.
Turning on either SMPS will put the SC1403 in run mode.
N
D
H
S3
N
O5
N
OE
D
O
MN
O
I
T
P
I
R
C
S
E
D
w
o
LX
X
-t
u
h
S
n
w
o
d
s
a
i
b
m
u
m
i
n
i
M
t
n
e
r
r
u
c
h
g
i
Hw
o
Lw
o
Ly
b
d
n
a
t
SL
V
d
n
a
F
E
R
V
r
o
t
a
l
u
g
e
r
e
l
b
a
n
e
h
g
i
Hh
g
i
Hh
g
i
Hn
u
R
e
d
o
M
S
P
M
S
h
t
o
B
g
n
i
n
n
u
R
Output Voltage Selection
If FBx is grounded, internal resistors determine 3.3V and/or 5V
output voltages. In adjustable mode, the internal resistors are
disabled and the output is determined by external resistors, based
on 2.5V regulated at the FB pin. The output voltage is determined
according the following formula. Rdown should not exceed 10
Kohms.
Rup
Rdown
3V or 5V
FB3 or FB5
 +
⋅
=
Rdown
Rup
Vout
1
5
.
2
Power up Controls and Soft Start
The user controls the SC1403 RESET# through the SEQ, ON3 and
ON5 pins, as shown in the Startup Sequence Chart. At startup,
RESET# is held low for 32K switching cycles, and then RESET# is
determined by the output voltages and the SEQ pin.
To prevent surge currents at startup, each SMPS has a counter
and DAC to incrementally raise the current limit (CSH-CSL voltage).
The current limit follows discrete steps of typically 25%, 40%, 60%,
80%, and 100%, each step lasting 128 clock cycles. To charge up
the output capacitors, inductor current at startup must exceed
load current. When the output voltage reaches it’s nominal value
the SMPS will reduce duty cycle, but the excess LI2 energy of the
inductor must flow into the load and output capacitors. If the
output capacitor is relatively small, the peak output voltage can
approach the overvoltage trip point. To prevent nuisance OVP at
startup, the inductance and capacitance must meet the following
criteria:
59
.
1
2
2
_
_
⋅
≤
OC
MAX
NOM
O
MIN
MAX
IL
V
C
L
IL
MAX_OC is the maximum inductor current set by the current-limit
components, and V
O_NOM is the nominal output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com