Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2446 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2446 Datasheet HTML 1Page - Semtech Corporation SC2446 Datasheet HTML 2Page - Semtech Corporation SC2446 Datasheet HTML 3Page - Semtech Corporation SC2446 Datasheet HTML 4Page - Semtech Corporation SC2446 Datasheet HTML 5Page - Semtech Corporation SC2446 Datasheet HTML 6Page - Semtech Corporation SC2446 Datasheet HTML 7Page - Semtech Corporation SC2446 Datasheet HTML 8Page - Semtech Corporation SC2446 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
r
e
if
il
p
m
AV
-
1
N
I
V
,
V
1
=
1
P
M
O
C
V
5
.
2
=6
1
µA
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
r
e
if
il
p
m
AV
-
1
N
I
V
,
0
=
1
P
M
O
C
V
5
.
2
=2
1
µA
r
e
i
f
il
p
m
A
r
o
r
r
E
2
l
e
n
n
a
h
C
e
g
n
a
R
e
g
a
tl
o
V
e
d
o
m
-
n
o
m
m
o
C
t
u
p
n
I
)
1
e
t
o
N
(
03
V
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
n
I
g
n
it
r
e
v
n
I)
1
e
t
o
N
(0
C
C
V
AV
e
g
a
tl
o
V
t
e
s
f
f
O
t
u
p
n
I
5
.
13
±V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
g
n
it
r
e
v
n
i
-
n
o
NI
+
2
N
I
0
5
1
-0
8
3
-A
n
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
g
n
it
r
e
v
n
II
-
2
N
I
0
0
1
-0
5
2
-A
n
e
l
g
n
i
S
e
s
a
h
P
-
2
r
o
f
e
g
a
tl
o
V
t
u
p
n
I
g
n
it
r
e
v
n
I
n
o
it
a
r
e
p
O
t
u
p
t
u
O
5
.
2V
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
AG
2
M
0
6
2
Ω
µ 1−
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
Aa
2
L
O
5
6d
Β
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
r
e
if
il
p
m
A
5z
H
M
d
l
o
h
s
e
r
h
T
g
n
i
h
c
ti
w
S
2
P
M
O
C
m
u
m
i
n
i
M
V
+
2
S
C
V
=
-
2
S
C
0
=
V
2
S
S
g
n
i
s
a
e
r
c
n
I
2
.
2V
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
r
e
if
il
p
m
A
V
2
P
M
O
C
V
5
.
2
=
6
1
µA
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
r
e
if
il
p
m
A
V
2
P
M
O
C
V
5
.
2
=
2
1
µA
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
l
e
n
n
a
h
Cf
,
1
H
C
f
2
H
C
0
5
40
0
50
5
5z
H
K
y
c
n
e
u
q
e
r
F
g
n
i
z
i
n
o
r
h
c
n
y
S)
1
e
t
o
N
(f
1
.
2
H
C
z
H
K
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
C
N
Y
S
5
.
1V
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
C
N
Y
S
5
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
C
N
Y
SI
C
N
Y
S
V
C
N
Y
S
V
2
.
0
=
V
C
N
Y
S
V
2
=
1
0
0
1
µA
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
l
e
n
n
a
h
CD
,
1
X
A
M
D
2
X
A
M
8
8%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
l
e
n
n
a
h
CD
,
1
N
I
M
D
2
N
I
M
0%
s
r
o
t
a
r
a
p
m
o
C
t
i
m
il
-
t
n
e
r
r
u
C
e
g
n
a
R
e
d
o
M
-
n
o
m
m
o
C
t
u
p
n
I
01
-
C
C
V
A
V
ti
m
i
L
t
n
e
r
r
u
C
k
a
e
P
e
l
c
y
c
-
y
b
-
e
l
c
y
C
V
,
+
1
M
I
L
I
V
+
2
M
I
L
I
V
-
1
S
C
V
=
-
2
S
C
,
V
5
.
0
=
e
d
o
M
g
n
i
c
r
u
o
S
0
65
70
9V
m
n
w
o
d
t
u
h
S
d
a
o
l
r
e
v
O
t
n
e
r
r
u
C
y
e
ll
a
V
d
l
o
h
s
e
r
h
T
V
,
-
1
M
I
L
I
V
-
2
M
I
L
I
V
-
1
S
C
V
=
-
2
S
C
,
V
5
.
0
=
e
d
o
M
g
n
i
k
n
i
S
5
8
-0
1
1
-0
3
1
-V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
it
i
s
o
PI
,
+
1
S
C
I
+
2
S
C
V
+
1
S
C
=V
-
1
S
C
0
=
V
-
2
S
C
=V
-
2
S
C
0
=
7
.
0
-2
-
µA
s
a
i
B
t
u
p
n
I
e
s
n
e
S
-
t
n
e
r
r
u
C
e
v
it
a
g
e
N
t
n
e
r
r
u
C
I
,
-
1
S
C
I
-
2
S
C
V
+
1
S
C
=V
-
1
S
C
0
=
V
+
2
S
C
=V
-
2
S
C
0
=
7
.
0
-2
-
µA
s
r
e
v
i
r
D
e
t
a
G
e
c
r
u
o
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
H
t
n
e
r
r
u
C
V
1
T
S
B
V
,
2
T
S
B
V
2
1
=5
.
1A
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
e
v
i
r
D
e
t
a
G
e
d
i
s
-
h
g
i
HV
1
T
S
B
V
,
2
T
S
B
V
2
1
=1
A
Unless specified: AVCC = PVCC = V
IN2 =12V, VBST1 = VBST2 = 12V, SYNC= 0, ROSC = 51.1kΩ, -40°C < TA = TJ < 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com