Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2446 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SC2446
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controllers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SC2446 Datasheet HTML 26Page - Semtech Corporation SC2446 Datasheet HTML 27Page - Semtech Corporation SC2446 Datasheet HTML 28Page - Semtech Corporation SC2446 Datasheet HTML 29Page - Semtech Corporation SC2446 Datasheet HTML 30Page - Semtech Corporation SC2446 Datasheet HTML 31Page - Semtech Corporation SC2446 Datasheet HTML 32Page - Semtech Corporation SC2446 Datasheet HTML 33Page - Semtech Corporation SC2446 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446
Channel 1: Vo = 2.5V @ 15A
Soft-Start
Load Transient
Efficiency vs. Load Current (%)
65
70
75
80
85
90
95
010
20
30
Load Current (A)
Vin=5V
Vin=12V
Line Regulation @ Io=15A
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0
5
10
15
Input Voltage (V)
Load Regulation
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0
102030
Load Current (A)
Vin=12V
Vin=5V
Output Characteristics @ Vin=12V
0
0.5
1
1.5
2
2.5
3
0
1020
3040
Load Current (A)
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com