Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4024M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4024M
Description  High-Speed CMOS Logic 7-Stage Binary Ripple Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4024M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4024M Datasheet HTML 1Page - Texas Instruments CD74HC4024M Datasheet HTML 2Page - Texas Instruments CD74HC4024M Datasheet HTML 3Page - Texas Instruments CD74HC4024M Datasheet HTML 4Page - Texas Instruments CD74HC4024M Datasheet HTML 5Page - Texas Instruments CD74HC4024M Datasheet HTML 6Page - Texas Instruments CD74HC4024M Datasheet HTML 7Page - Texas Instruments CD74HC4024M Datasheet HTML 8Page - Texas Instruments CD74HC4024M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS202C
Features
• Fully Static Operation
• Buffered Inputs
• Common Reset
• Negative Edge Clocking
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4024 and ’HCT4024 are 7-stage ripple-carry binary
counters. All counter stages are master-slave flip-flops. The
state of the stage advances one count on the negative
transition of each input pulse; a high voltage level on the MR
line resets all counters to their zero state. All inputs and
outputs are buffered.
Pinout
CD54HC4024, CD54HCT4024
(CERDIP)
CD74HC4024
(PDIP, SOIC, TSSOP)
CD74HCT4024
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4024F3A
-55 to 125
14 Ld CERDIP
CD54HCT4024F3A
-55 to 125
14 Ld CERDIP
CD74HC4024E
-55 to 125
14 Ld PDIP
CD74HC4024M
-55 to 125
14 Ld SOIC
CD74HC4024MT
-55 to 125
14 Ld SOIC
CD74HC4024M96
-55 to 125
14 Ld SOIC
CD74HC4024PW
-55 to 125
14 Ld TSSOP
CD74HC4024PWR
-55 to 125
14 Ld TSSOP
CD74HC4024PWT
-55 to 125
14 Ld TSSOP
CD74HCT4024E
-55 to 125
14 Ld PDIP
CD74HCT4024M
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
CP
MR
Q7
Q6
Q5
Q4
GND
VCC
NC
Q1’
Q2
NC
Q3
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4024, CD74HC4024,
CD54HCT4024, CD74HCT4024
High-Speed CMOS Logic
7-Stage Binary Ripple Counter
[ /Title
(CD74
HC402
4,
CD74
HCT40
24)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD74HC4024M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4024M TI-CD74HC4024M Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024M TI-CD74HC4024M Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024M TI-CD74HC4024M Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024M96 TI-CD74HC4024M96 Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4024M96 TI-CD74HC4024M96 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
More results

Similar Description - CD74HC4024M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
logo
Texas Instruments
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
High Speed CMOS Logic 12-Stage Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Texas Instruments
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com