Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164M96 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT164M96
Description  8-Bit Serial-In/Parallel-Out Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT164M96 Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT164M96 Datasheet HTML 1Page - Texas Instruments CD74ACT164M96 Datasheet HTML 2Page - Texas Instruments CD74ACT164M96 Datasheet HTML 3Page - Texas Instruments CD74ACT164M96 Datasheet HTML 4Page - Texas Instruments CD74ACT164M96 Datasheet HTML 5Page - Texas Instruments CD74ACT164M96 Datasheet HTML 6Page - Texas Instruments CD74ACT164M96 Datasheet HTML 7Page - Texas Instruments CD74ACT164M96 Datasheet HTML 8Page - Texas Instruments CD74ACT164M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
AC TYPES
Max. Clock Frequency
fMAX
1.5
7
-
6
-
MHz
3.3
(Note 9)
62
-
54
-
MHz
5
(Note 10)
86
-
75
-
MHz
MR Pulse Width
tW
1.5
49
-
56
-
ns
3.3
5.5
-
6.3
-
ns
5
3.9
-
4.5
-
ns
CP Pulse Width
tW
1.5
73
-
84
-
ns
3.3
8.2
-
9.4
-
ns
5
5.9
-
6.7
-
ns
Set-up Time
tSU
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
Hold Time
tH
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
MR to CP Removal Time
tREM
1.5
1
-
1
-
ns
3.3
1
-
1
-
ns
51
-
1
-
ns
ACT TYPES
Max. Clock Frequency
fMAX
5
(Note 10)
80
-
70
-
MHz
MR Pulse Width
tW
5
3.9
-
4.5
-
ns
CP Pulse Width
tW
5
6.2
-
7.1
-
ns
Set-up Time
tSU
5
2.2
-
2.5
-
ns
Hold Time
tH
5
2.6
-
3
-
ns
MR to CP Removal Time
tREM
50
-
0
-
ns
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
1.5
-
-
143
-
-
157
ns
3.3
(Note 9)
4.5
-
15.9
4.4
-
17.5
ns
5
(Note 10)
3.2
-
11.4
3.1
-
12.5
ns
CD54/74AC164, CD54/74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com