Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164M96 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT164M96
Description  8-Bit Serial-In/Parallel-Out Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT164M96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT164M96 Datasheet HTML 1Page - Texas Instruments CD74ACT164M96 Datasheet HTML 2Page - Texas Instruments CD74ACT164M96 Datasheet HTML 3Page - Texas Instruments CD74ACT164M96 Datasheet HTML 4Page - Texas Instruments CD74ACT164M96 Datasheet HTML 5Page - Texas Instruments CD74ACT164M96 Datasheet HTML 6Page - Texas Instruments CD74ACT164M96 Datasheet HTML 7Page - Texas Instruments CD74ACT164M96 Datasheet HTML 8Page - Texas Instruments CD74ACT164M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS240A
Features
• Buffered Inputs
• Typical Propagation Delay
- 6ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The ’AC164 and ’ACT164 are 8-bit serial-in/parallel-out shift
registers with asynchronous reset that utilize Advanced
CMOS Logic technology. Data is shifted on the positive edge
of the clock (CP). A LOW on the Master Reset (MR) pin
resets the shift register and all outputs go to the LOW state
regardless of the input conditions. Two Serial Data inputs
(DS1 and DS2) are provided; either one can be used as a
Data Enable control.
Pinout
CD54AC164, CD54ACT164
(CERDIP)
CD74AC164, CD74ACT164
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC164F3A
-55 to 125
14 Ld CERDIP
CD74AC164E
-55 to 125
14 Ld PDIP
CD74AC164M
-55 to 125
14 Ld SOIC
CD54ACT164F3A
-55 to 125
14 Ld CERDIP
CD74ACT164E
-55 to 125
14 Ld PDIP
CD74ACT164M
-55 to 125
14 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local TI sales office or cus-
tomer service for ordering information.
DS1
DS2
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
September 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD54/74AC164,
CD54/74ACT164
8-Bit Serial-In/Parallel-Out Shift Register
[ /Title
(CD74
AC164
,
CD74
ACT16
4)
/Sub-
ject (8-
Bit
Serial-
In/Par-
allel-
Out
Shift
Regis-
ter)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()


Similar Part No. - CD74ACT164M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT164M96 TI-CD74ACT164M96 Datasheet
261Kb / 13P
8-Bit Serial-In/Parallel-Out Shift Register
CD74ACT164M96 TI2-CD74ACT164M96 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
REVISED OCTOBER 2024
CD74ACT164M96.A TI2-CD74ACT164M96.A Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
REVISED OCTOBER 2024
CD74ACT164M96E4 TI-CD74ACT164M96E4 Datasheet
261Kb / 13P
8-Bit Serial-In/Parallel-Out Shift Register
CD74ACT164M96G4 TI-CD74ACT164M96G4 Datasheet
261Kb / 13P
8-Bit Serial-In/Parallel-Out Shift Register
More results

Similar Description - CD74ACT164M96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74HCT165 NEXPERIA-74HCT165 Datasheet
295Kb / 18P
8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com