Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4809B Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4809B
Description  High Performance Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809B Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4809B Datasheet HTML 8Page - Semtech Corporation SC4809B Datasheet HTML 9Page - Semtech Corporation SC4809B Datasheet HTML 10Page - Semtech Corporation SC4809B Datasheet HTML 11Page - Semtech Corporation SC4809B Datasheet HTML 12Page - Semtech Corporation SC4809B Datasheet HTML 13Page - Semtech Corporation SC4809B Datasheet HTML 14Page - Semtech Corporation SC4809B Datasheet HTML 15Page - Semtech Corporation SC4809B Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
knowing what the transfer characteristic of the PWM and
switching circuit looks like. Constructing a Bode plot of
the known poles and zeros in the power stage does this.
Bode plots give a visual interpretation of the gain versus
frequency and phase versus frequency characteristics
of a system. In the gain plot, the gain shown at each
frequency represents the amount by which the feedback
loop will reduce a disturbance at that frequency.
Besides the RHP zero, the output capacitor and the load
contribute a pole and the output capacitor alone will
contribute a zero based upon its ESR.
OUT
OUT
pole
C
R
2
D
1
f
•
•
π
•
+
=
OUT
zero
C
ESR
2
1
f
•
•
π
=
The control to output gain is calculated by:
+
•
•
•
−
•
•
•
•
•
=
)
V
V
N
2
(
)
D
1
(
V
V
R
I
log
20
GAIN
IN
O
C
IN
OUT
SC
Once the frequency response of the uncompensated
system is determined, the next step is to determine what
compensation is needed around the error amplifier for
optimum performance. As stated earlier, optimum
performance requires a high gain at low frequencies for
good DC regulation and high bandwidth for good transient
response. The crossover frequency, f
c, is the frequency
at which the gain magnitude equals 0dB. High bandwidth
is achieved by having the highest possible f
c. Because of
the RHP zero, the highest possible crossover frequency
is limited to f
RHPZERO/π. The phase margin, or the amount
the phase lag measures at f
c less 180°, should be at
least 45° for good transient response with little
overshoot. The magnitude of the gain at the frequency
where the phase plot measures - 180° is referred to as
the gain margin. If the slope of the gain plot is -2, or
-40dB/decade, at low frequencies, it much transition to
a -20dB/decade slope, also known as a -1 slope, one
decade before crossing the 0dB point. If the slope
remains at the -2 slope the resultant gain margin would
be too small causing sever underdamped oscillations at
fc.
Application Information (Cont.)
The scheme shown below will handle most compensation
requirements. There is a pole at the origin which
contributes a -1 slope in the gain plot, a low frequency
zero, f
EAZERO flattens out the slope so the mid-range gain
is equal to Rf/Ri. A high frequency pole, f
EAPOLE helps
suppress any high frequency noise from propagating
through the system. Rd forms a voltage divider with Ri
and provides a DC offset.
p
f
EAPOLE
f
f
EAZERO
C
R
2
1
f
C
R
2
1
f
•
•
π
•
=
•
•
π
•
=
By combining the Bode plots of the PWM and power stage
with the error amplifier compensation, a plot of the entire
system is realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com