Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K28A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K28A_02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HT82K28A
Rev. 1.30
5
June 27, 2002
Command description
· Default disable - F5
¨ Send an acknowledge FA to the system
¨ Clear its output buffer, FIFO
¨ Set the default key types
¨ Set typematic rate/delay as default value
¨ Clear the last typematic key
¨ Stop scanning and wait for further instruction
· Echo - EE
¨ Send an EE to the system
¨ Continue scanning if the keyboard is enabled
Note:
This command does not need to feed
back the ACK
· Enable - F4
¨ Send an ACK to the system
¨ Clear output buffer
¨ Clear the last typematic key
¨ Start scanning
· Invalid command
¨ Send an FE to the system
¨ No further activities
Note:
No ACK
· Read ID - F2
¨ Send an ACK to the system
¨ Discontinue scanning
¨ 2 byte ID-AB, 83
The 2nd byte must follow the completion of the first
byte within 500ms
¨ Resume scanning
· Resend - FE
¨ Send the last code to the system
Note:
* No FA response
· Reset - FF
¨ Disable keyboard
¨ Send an ACK to the system, the keyboard acknowl-
edges the command with an ACK and ensures the
system accepts the ACK before executing the com-
mand
¨ The system sets CLK=DATA=high for 500
ms: ac-
ceptance of ACK
¨ The system can issue any command to the KB
within the 500
ms period mentioned above to over-
ride FF
¨ If no override, the system performs its BAT and en-
ters mode 2 (even if it is set to be mode 3)
· Select alternate scan code - F0
¨ Send an ACK to the system
¨ Clears both output buffer and the typematic key
¨ Accept option byte
· Set all keys - F7, F8, F9, FA
¨ FA: Set all keys to typematic/make/break
¨ F9: Set all keys to make
¨ F8: Set all keys to make/break
¨ F7: Set all keys to typematic
¨ Send an ACK to the system
¨ Clear output buffer
¨ Set all keys to the type indicated by the command
· Set default - F6
¨ Send an ACK to the system
¨ Clear the output buffer
¨ Set to default key states: Default key type typematic
rate/delay
· Set key type - FB,FC,FD
¨ FB : Set key type
- Typematic
¨ FC : Set key type
- Make/Break
¨ FD : Set key type
- Make
¨ The keyboard responds with ACK, clears its output
buffer and prepares to receive key identification
¨ Key identification is accomplished by the system
identifying each key by its scan code value as de-
fined in scan code set3.
¨ Only scan code set3 values are valid for key identifi-
cation
¨ The type of each identified key is set to the value in-
dicated by the command
¨ These commands can be sent using any scan code
set, but affect only the operation of scan code set3
· Set LED - ED
¨ Send ACK to the system
¨ Discontinue scanning
¨ Wait for the option from the system
¨ Respond with ACK to the system
¨ Set indicator
¨ If command comes from the system in place of op-
tion, discard the set LED function and then process
the new command
¨ LED default after power on
- all off
¨ Set default disable
- do not change the LEDs
· Set typematic rate/delay - F3
¨ Send an ACK to the system
¨ Stop scanning
¨ Wait for the system typematic rate and delay
¨ Send an ACK to the system
¨ Set rate/delay
¨ Bit 6,5 delay
¨ Bit 4,3,2,1,0 typematic rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com