Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K28A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K28A_02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HT82K28A
Win98 Keyboard Encoder
Pin Assignment
Rev. 1.30
1
June 27, 2002
General Description
The HT82K28A is a keyboard encoder especially de-
signed for IBM PC/AT, IBM PS/2 and all compatible ma-
chines.
The HT82K28A accepts keyboard inputs and contains a
16-character first-in-first-out buffer in which data is
stored. An inexpensive RC oscillator can be used for the
system clock. The device offers the advantage of simple
implementation in high performance and low cost key-
board applications.
Features
· Designed for Windows 95/98/NT
· Supports 3 Windows 95 Keys
· Supports Power, Sleep and Wake-up Windows 98
ACPI functions
· Supports Japanese, Korean and Portuguese
· Supports Japanese DOS/V 106-key keyboard
· Supports code set 1, for PS/2 model 30 keyboard
· Supports code set 2, for PC/AT, PS/2 model 50,60
keyboards
· Supports code set 3, for PS/2 model 80 keyboard
· RC oscillator
· Phantom key detection
· Minimal external components
· 40-pin DIP package
H T 8 2 K 2 8 A
4 0 D I P - A
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
C 1
C 0
D A T A
C L O C K
R 1 8
R 1 7
N C
R 1 6
C A P
N U M
S C R L
R 9
R 8
R 1 5
R 1 4
N C
R 1 3
R 7
R 6
R 5
O S C 1
V S S
V D D
V S S
I O 0
I O 1
C 2
C 3
C 4
C 5
C 6
C 7
R 1 0
R 1 1
R 1 2
R 0
R 1
R 2
R 3
R 4
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0


Similar Part No. - HT82K28A_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
More results

Similar Description - HT82K28A_02

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com