Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC338 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC338
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338 Datasheet(HTML) 5 Page - Semtech Corporation

  SC338 Datasheet HTML 1Page - Semtech Corporation SC338 Datasheet HTML 2Page - Semtech Corporation SC338 Datasheet HTML 3Page - Semtech Corporation SC338 Datasheet HTML 4Page - Semtech Corporation SC338 Datasheet HTML 5Page - Semtech Corporation SC338 Datasheet HTML 6Page - Semtech Corporation SC338 Datasheet HTML 7Page - Semtech Corporation SC338 Datasheet HTML 8Page - Semtech Corporation SC338 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2004 Semtech Corp.
www.semtech.com
SC338(A)
POWER MANAGEMENT
Block Diagram
(0.95 VBG
at start-up)
(0.95 VBG
at start-up)
Marking Information
AK00:
Identifier for SC338
yyww:
Date code (Example: 0012)
xxxx:
Semtech Lot # (Example: E901
xxxx:
01-1)
SC338
Bottom Mark
xxxx
xxxx
yyww
AK00
Top Mark
338A:
Identifier for SC338A
yyww:
Date code (Example: 0012)
xxxx:
Semtech Lot # (Example: E901
xxxx:
01-1)
SC338A
Bottom Mark
xxxx
xxxx
Top Mark
AK0A
yyww
338A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com