Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC338 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC338
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338 Datasheet(HTML) 1 Page - Semtech Corporation

  SC338 Datasheet HTML 1Page - Semtech Corporation SC338 Datasheet HTML 2Page - Semtech Corporation SC338 Datasheet HTML 3Page - Semtech Corporation SC338 Datasheet HTML 4Page - Semtech Corporation SC338 Datasheet HTML 5Page - Semtech Corporation SC338 Datasheet HTML 6Page - Semtech Corporation SC338 Datasheet HTML 7Page - Semtech Corporation SC338 Datasheet HTML 8Page - Semtech Corporation SC338 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.semtech.com
SC338(A)
Ultra Low Output Voltage
Dual Linear FET Controller
POWER MANAGEMENT
Revision: November 12, 2004
Description
Features
The SC338(A) is an ultra low output voltage dual power
supply controller designed to simplify power management
for notebook PCs. It is part of Semtech’s Smart LDOTM
family of products. The SC338(A) has two user
adjustable outputs that can be set anywhere between
0.5V and 3.3V (V
IN = 12V, anywhere between 0.5V and
1.8V for V
IN = 5V) using two external resistors per
output.
SC338(A) features for each output include tight output
voltage regulation (±2.5% over -40°C to +85°C for
SC338, ±1.5% over 0°C to +85°C for SC338A), enable
controls, open drain power good signals, under-voltage
protection and soft start. The enable pins allow the part
to enter a very low power standby mode. Pulling them
high enables the outputs. The power good pins are open
drain and assert low when the voltage at their
respective adjust pins is below 88% (typ.) of nominal. If
the voltage at the adjust pin is below 50% (typ.) of
nominal, the under voltage protection circuitry will shut
down that output. The SC338(A) is available in an
MSOP-10 surface mount package.
±1.5% and ±2.5% reference voltage options
available
Two independant and fully adjustable outputs
Wide supply voltage range permits operation from
5V or 12V rails
Very low quiescent current (500µA typical with both
outputs enabled and 5V input)
Indivdual Enable control for each output
Individual Power Good monitoring and signalling for
each output
Gate drives from input supply enable use of
N-channel MOSFETs
User selectable dropout voltage
Individual under-voltage protection for each output
MSOP-10 surface mount package
Notebook PCs
Simple dual power supplies
Typical Application Circuit
Applications
1.05V Enable
R3
20.0k
1.05V Power Good
U1
SC338(A)
1
2
3
4
5
6
7
8
9
10
DRV1
ADJ1
EN1
PGD1
GND
PGD2
EN2
ADJ2
DRV2
IN
C1
0.1uF (1)
1.8V +/-5% IN
R4
10.0k
R6 2k (2)
C5
10nF (2)
1.5V Enable
1.05V @ 3A
1.2V +/-5% IN
Notes:
(1) Additional capacitance may be required if far from supply
(2) Optional soft-start components
C6
0.1uF
Q1
IRF7311
4
1
2
3
5
6
7
8
1.5V @ 1.5A
or similar
1.5V Power Good
C7
10nF (2)
C3
100uF, 25mOhm POSCAP
C4
100uF, 25mOhm POSCAP
R1
11.0k
5V or 12V IN
R5 2k (2)
C2
0.1uF (1)
R2
10.0k
 +
•
=
2
R
1
R
1
5
.
0
V
1
OUT
 +
•
=
4
R
3
R
1
5
.
0
V
2
OUT


Similar Part No. - SC338

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001A-EVB SEMTECH-SC33001A-EVB Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001ACSTRT SEMTECH-SC33001ACSTRT Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH SEMTECH-SC33001AH Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH-EVB SEMTECH-SC33001AH-EVB Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results

Similar Description - SC338

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com