Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC905 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC905
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC905 Datasheet HTML 2Page - Semtech Corporation SC905 Datasheet HTML 3Page - Semtech Corporation SC905 Datasheet HTML 4Page - Semtech Corporation SC905 Datasheet HTML 5Page - Semtech Corporation SC905 Datasheet HTML 6Page - Semtech Corporation SC905 Datasheet HTML 7Page - Semtech Corporation SC905 Datasheet HTML 8Page - Semtech Corporation SC905 Datasheet HTML 9Page - Semtech Corporation SC905 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC905
Parameter
Symbol
Condition
Min
Typ
Max
Units
I2C Interface(5)
Interface complies with slave mode I2C interface as described by Philips I2C specification version 2.1 dated January, 2000.
Digital Input Voltage
V
IL
0.4
V
V
IH
1.25
V
SDA Output Low Level
I
DIN (SDA) ≤ 3mA
0.4
V
Digital Input Current
I
DG
-0.2
0.2
μA
Hysteresis of Schmitt Trigger Inputs
V
HYS
0.1
V
Maximum Glitch Pulse Rejection
t
SP
50
ns
I/O Pin Capacitance
C
IN
10
pF
I2C Timing(5)
Clock Frequency
f
SCL
400
440
kHz
SCL Low Period
t
LOW
1.3
μs
SCL High Period
t
HIGH
0.6
μs
Data Hold Time
t
HD_DAT
0
μs
Data Setup Time
t
SU_DAT
100
ns
Setup Time for Repeated START Condition
t
SU_STA
0.6
μs
Hold Time for Repeated START Condition
t
HD_STA
0.6
μs
Setup Time for STOP Condition
t
SU_STO
0.6
μs
Bus-Free Time Between STOP and START
t
BUF
1.3
μs
RESET Timeout Delay
t
RD
75
100
125
ms
Power-up Delay Between CORE, ANA,
PAD, TXCO
t
DELAY
Delay Between
Each Output Activating
100
μs
Maximum Glitch Pulse Rejection
t
SP
50
ns
Interface Start-up Time
t
EN
Bus Start-up Time After EN Pin
is Pulled High
350
μs
Notes:
(1) Applies to pin names, CPB, CHRGB, FAULTB, ON, HFPWR, PGOOD, VCSEL, VPSEL.
(2) Applies to pin names, PWRON, RESB.
(3) For V
OUT settings see Table A.
(4) For V
OUT settings see Table B.
(5) Guaranteed by design.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com