Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC905 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC905
Description  CDMA Cellular Phone Power Management IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC905 Datasheet(HTML) 1 Page - Semtech Corporation

  SC905 Datasheet HTML 1Page - Semtech Corporation SC905 Datasheet HTML 2Page - Semtech Corporation SC905 Datasheet HTML 3Page - Semtech Corporation SC905 Datasheet HTML 4Page - Semtech Corporation SC905 Datasheet HTML 5Page - Semtech Corporation SC905 Datasheet HTML 6Page - Semtech Corporation SC905 Datasheet HTML 7Page - Semtech Corporation SC905 Datasheet HTML 8Page - Semtech Corporation SC905 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC905
CDMA Cellular Phone
Power Management IC
June 7, 2006
Description
The SC905 is a power management integrated circuit
(PMIC) designed for the latest CDMA chip sets. The device
provides four general purpose low dropout regulators
(LDOs), and five low noise LDOs designed for analog cir-
cuits. The VMOT LDO can be used as a general purpose
regulator or as an adjustable motor drive output that can
supply up to 150mA to drive a vibrator motor.
Each LDOs enable and output voltage are controlled via
the I2C bus. An optional three-wire interface compatible
with Semtech battery charger ICs is also controlled via the
I2C bus.
Initial power-on is achieved by activating either the ON or
the HFPWR signal, and the PGOOD input is used by the
microprocessor to latch power on or disable the device.
The small and thermally efficient MLPQ-32 package and
use of ceramic bypass capacitors, minimize the required
PCB area making the SC905 ideal for space-conscious
portable applications.
9 LDO Linear Regulators
CORE: 1.35V - 2.90V @ 300mA
ANA: 2.55V - 2.90V @ 200mA
PAD: 1.35V - 2.90V @ 300mA
RX: 2.55V - 2.90V @ 150mA
TX: 2.55V - 2.90V @ 150mA
TCXO: 2.55V - 2.90V @ 80mA
PLL: 2.55V - 2.90V @ 80mA
Camera: 1.35V - 2.90V @ 100mA
Motor Drive: 1.35V - 2.90V @ 150mA
I2C Interface for Microprocessor Control
Less than 1μA Quiescent Current in Shutdown
65dB PSRR for Analog LDOs
Over-Temperature Protection
Power-On Control
Optional Interface for Controlling Semtech
Battery Chargers
Small 5mm x 5mm 32-Pin QFN Package
CDMA Cellular Handsets
Palmtop/Laptop Computers
Battery Powered Equipment
10μF
VBAT
MOTOR
0.1μF
ON/OFF
1μF
Keypad
Baseband
Processor
Audio
Processing
Digital
Interface
Camera
Module
TCXO
+
Synthesiser
PLL
Transmitter
Section
PA
Receiver
Section
LNA
SC905
VBAT
IN1
IN2
IN3
IN4
IN5
IN6
DVIN
VCORE
VPAD
VANA
VTCXO
VTX
VRX
VCAM
VPLL
VPSEL
VCSEL
DGND
CPB
CHRGB
FAULTB
AGND
BP
VMOT
RESB
PWRON
SCL
PGOOD
HFPWR
ON
SDA
BATTERY
Handsfree
Option
Battery
Charger
Circuit
1μF
1μF
1μF
1μF
1μF
1μF
1μF
Features
Typical Application Circuit
Applications


Similar Part No. - SC905

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
SC905AEVB SEMTECH-SC905AEVB Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
SC905AMLTRT SEMTECH-SC905AMLTRT Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
More results

Similar Description - SC905

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
Power Management for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
Audio Management for cellular phone
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
Cellular Phone Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com