Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2446AEVB Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2446AEVB
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2446AEVB Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2446AEVB Datasheet HTML 18Page - Semtech Corporation SC2446AEVB Datasheet HTML 19Page - Semtech Corporation SC2446AEVB Datasheet HTML 20Page - Semtech Corporation SC2446AEVB Datasheet HTML 21Page - Semtech Corporation SC2446AEVB Datasheet HTML 22Page - Semtech Corporation SC2446AEVB Datasheet HTML 23Page - Semtech Corporation SC2446AEVB Datasheet HTML 24Page - Semtech Corporation SC2446AEVB Datasheet HTML 25Page - Semtech Corporation SC2446AEVB Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2446A
Typical Characteristics
Channel 2: Vo2 = 1.2V
Channel 1: Vo1 = 2.5V
D ua l P has e Th erm a ls
V i n= 12 V , D ua l O utp ut, F s w = 50 0K H z, Ta m b = 2 5 °C , 0LF M
0
10
20
30
40
50
60
70
02
46
8
1 0
1 2
1 4
1 6
1 8
2 0
AM P S
2. 5V t h erm als
1. 2V t h erm als
2. 5V t h erm als
1. 2V t h erm als
S C 24 46 A + P I P 2 12 D u al P has e E ffi c ien c y
V i n= 1 2 V , D ual O utp ut, F s w = 50 0 K H z, Ta m b = 2 5°C , 0LF M
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
2
4
6
8
10
12
14
15
16
18
20
AM P S
2. 5V Ef fic i en c y
1. 2V Ef fic i en c y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com