Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC470ITSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC470ITSTRT
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470ITSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC470ITSTRT Datasheet HTML 11Page - Semtech Corporation SC470ITSTRT Datasheet HTML 12Page - Semtech Corporation SC470ITSTRT Datasheet HTML 13Page - Semtech Corporation SC470ITSTRT Datasheet HTML 14Page - Semtech Corporation SC470ITSTRT Datasheet HTML 15Page - Semtech Corporation SC470ITSTRT Datasheet HTML 16Page - Semtech Corporation SC470ITSTRT Datasheet HTML 17Page - Semtech Corporation SC470ITSTRT Datasheet HTML 18Page - Semtech Corporation SC470ITSTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Application Information (Cont.)
Figure 4: Dynamic Voltage Switching Using Direct
Drive Method (V
OUT(HIGH)/VOUT(LOW) < 1.16 only)
Another option is to switch using an external discrete
MOSFET, as shown in Figure 5.
Figure 5: Dynamic Voltage Switching Using Indirect
Drive Method
The problem with the external MOSFET method is that
the drain-gate capacitance, c
DG, can cause the output
voltage to go even higher when the MOSFET is first turned
off (which should make the output voltage drop). This is
because the gate going low causes the drain to go low
momentarily due to c
DG, which in turn causes VFB to go
low, making the output rise. The extra R9 and C11 in the
gate drive for the MOSFET are there to slow down the
slew rate of the gate voltage, thus avoiding this problem.
Determining what circuit to use depends upon the ratio
between V
OUT(HIGH) and VOUT(LOW), since the goal is to avoid
inadvertently tripping the over-voltage protection.
If:
16
.
1
V
V
)
LOW
(
OUT
)
HIGH
(
OUT
<
This means that the ratio is less than the worst-case
OVP threshold (worst-case in this case is the lowest
threshold), then the direct drive (simplest) method may
be used. Of course the indirect drive method may also
be used if desired.
If:
16
.
1
V
V
)
LOW
(
OUT
)
HIGH
(
OUT
>
This means that the ratio is greater than the worst-case
OVP threshold, therefore we automatically need to slew
the rate of change, and the indirect drive method must
be used.
If using the indirect drive method, the goal is to slow
down the gate drive for the transition from V
OUT(HIGH) to
V
OUT(LOW), which is when the external MOSFET is turned
off. The pull-up resistor, pull-down resistor and gate
capacitor can be selected as follows:
1) V
GATE must be below the gate threshold voltage of the
MOSFET in order to ensure that it can be turned off (see
Figure 6):
2) The RC time constant of R9 and C11 should be at
least 4 times greater than the typical Over-Voltage Fault
Delay Time of 5µs to avoid V
OUT rising prior to falling.
3) V
PULLUP must be high enough to turn the MOSFET on.
Figure 6: Ensuring Q3 Will Turn Off
R3
20k0
R7
20k0
EN/PSV
TON
VOUT
VCCA
FB
PGD
VSSA
PGND
DL
VDDP
ILIM
LX
DH
BST
U1
SC470
VOUT
0402
0402
0402
C5
56p
R5 49k9
0402
Low = 1.0V
High = 1.2V
Open Drain Signal
Q3
R8
pull-up
C11
R9
R3
20k0
R7
20k0
EN/PSV
TON
VOUT
VCCA
FB
PGD
VSSA
PGND
DL
VDDP
ILIM
LX
DH
BST
U1
SC470
VOUT
0402
0402
C5
56p
0402
R5 49k9
0402
Open Drain Signal
Low = 1.2V
High = 1.0V
Q3
R8
pull-up
C11
R9
VGATE
VPULLUP
()
)
TH
(
GS
PULLUP
V
9
R
8
R
V
9
R
<
+
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com