Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4501MSETRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4501MSETRT
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501MSETRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4501MSETRT Datasheet HTML 10Page - Semtech Corporation SC4501MSETRT Datasheet HTML 11Page - Semtech Corporation SC4501MSETRT Datasheet HTML 12Page - Semtech Corporation SC4501MSETRT Datasheet HTML 13Page - Semtech Corporation SC4501MSETRT Datasheet HTML 14Page - Semtech Corporation SC4501MSETRT Datasheet HTML 15Page - Semtech Corporation SC4501MSETRT Datasheet HTML 16Page - Semtech Corporation SC4501MSETRT Datasheet HTML 17Page - Semtech Corporation SC4501MSETRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
62
.
0
5
.
0
12
3
.
0
1
5
.
0
12
5
1
D
=
+
−
+
−
=
Therefore
(
)
(
)
KHz
68
.
4
Krads
4
.
29
F
10
8
.
6
2
1
2
p
=
=
µ
•
Ω
≤
ω
−
and
(
)
KHz
3
.
33
Krads
209
H
7
.
4
62
.
0
1
8
.
6
1
2
2
Z
=
=
µ
−
•
Ω
≥
ω
−
The spacing between p
2 and z2 is the closest when the
converter is delivering the maximum output current from
the lowest V
IN. This represents the worst-case compensation
condition. Ignoring C
5 and C6 for the moment, C4 forms a
low frequency pole with the equivalent output resistance
R
O of the error amplifier:
Ω
=
Ω
µ
=
=
−
M
7
.
4
60
dB
49
ce
tan
c
Transcondu
Gain
Loop
Open
Amplifier
R
1
O
Hz
41
rads
260
pF
820
M
7
.
4
1
C
R
1
1
4
O
1
p
−
=
−
=
•
Ω
−
=
−
=
ω
−
C
4 and R3 also forms a zero with angular frequency:
KHz
3
.
6
Krads
5
.
39
pF
820
K
9
.
30
1
C
R
1
1
4
3
1
Z
−
=
−
=
•
Ω
−
=
−
=
ω
−
The poles p
1, p2 and the RHP zero z2 all increase phase
shift in the loop response. For stable operation, the overall
loop gain should cross 0dB with -20dB/decade slope. Due
to the presence of the RHP zero, the 0dB crossover frequency
should not be higher than
3
z
2 . Placing z
1 near p2 nulls its
effect and maximizes loop bandwidth. Thus
)
MAX
(
OUT
2
OUT
4
3
I
2
C
V
C
R
≈
(15)
R
3 determines the mid-band loop gain of the converter.
Increasing R
3 increases the mid-band gain and the crossover
Application Information
Figure 9. Suggested PCB Layout for the SC4501. Notice that there is no via
directly under the device. All vias are 12mil in diameter.
U1
VOUT
SHDN
R1
C5
C1
L1
D1
VIN
U1
C3
R4
C4
R3
C6
R2
GND
C2
U1
VOUT
SHDN
SHDN
R1
C5
C1
L1
D1
VIN
U1
C3
R4
C4
R3
C6
R2
GND
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com