Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4501MSETRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4501MSETRT
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501MSETRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4501MSETRT Datasheet HTML 12Page - Semtech Corporation SC4501MSETRT Datasheet HTML 13Page - Semtech Corporation SC4501MSETRT Datasheet HTML 14Page - Semtech Corporation SC4501MSETRT Datasheet HTML 15Page - Semtech Corporation SC4501MSETRT Datasheet HTML 16Page - Semtech Corporation SC4501MSETRT Datasheet HTML 17Page - Semtech Corporation SC4501MSETRT Datasheet HTML 18Page - Semtech Corporation SC4501MSETRT Datasheet HTML 19Page - Semtech Corporation SC4501MSETRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Typical Application Circuits
Figure 11(b). Efficiency of the Single Li-ion Cell to 5V Boost
Converter in Figure 11(a).
Efficiency
50
55
60
65
70
75
80
85
90
95
0.001
0.010
0.100
1.000
Load Current (A)
VOUT = 5V
VIN = 2.6V
1.2MHz
VIN = 3.6V
VIN = 4.2V
5V, 0.8A
C1
2.2
µF
VOUT
ON
OFF
C3
C4
10BQ015
R3
D1
L1
1.8
µH
C2
10
µF
47nF
1nF
R2
100K
17.4K
SC4501
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
2.6 - 4.2V
1-CELL
LI-ION
R1
301K
R4
10.7K
Figure 11(a). 1.2 MHz All Ceramic Capacitor Single Li-ion Cell
L1: Sumida CR43
to 5V Boost Converter.
Lower Trace : Inductor Current, 0.5A/div
Upper Trace : Output Voltage, AC Coupled, 0.5V/div
40
µs/div
Figure 11(c). Load Transient Response of the Circuit in Figure
11(a). I
LOAD is switched between 0.2A and 0.7A at
1A/
µs.
V
IN=2.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com