Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4501EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4501EVB
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4501EVB Datasheet HTML 9Page - Semtech Corporation SC4501EVB Datasheet HTML 10Page - Semtech Corporation SC4501EVB Datasheet HTML 11Page - Semtech Corporation SC4501EVB Datasheet HTML 12Page - Semtech Corporation SC4501EVB Datasheet HTML 13Page - Semtech Corporation SC4501EVB Datasheet HTML 14Page - Semtech Corporation SC4501EVB Datasheet HTML 15Page - Semtech Corporation SC4501EVB Datasheet HTML 16Page - Semtech Corporation SC4501EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
with
V
4
.
1
V
L >
.
Example: Increase the turn on voltage of a V
IN = 3.3V boost
converter from 1.4V to 2.75V.
Using V
H = 2.75V and R4 = 100KΩ in (12),
=
K
150
R
3
.
The resulting UVLO hysteresis is:
V
69
.
0
K
150
A
6
.
4
R
I
V
3
HYS
HYS
=
µ
=
=
.
SC4501
R4
R3
SHDN
3
+
-
IN
6/8
1.1V
4.6
µA
I HYS
COMPARATOR
Y
SWITCH CLOSED
WHEN Y = “1”
Figure 7. Programmable Hysteretic UVLO Circuit
The turn off voltage is:
V
4
.
1
V
06
.
2
69
.
0
75
.
2
V
V
V
HYS
H
L
>
=
=
=
.
Frequency Compensation
Figure 8 shows the equivalent circuit of a boost converter
using the SC4501. The output filter capacitor and the load
form an output pole at frequency:
2
OUT
2
OUT
OUT
2
p
C
R
2
C
V
I
2
=
=
ω
(13)
where C
2 is the output capacitor and
OUT
OUT
OUT
I
V
R
=
is the
equivalent load resistance.
The zero formed by C
2 and its equivalent series resistance
(ESR) is neglected due to low ESR of the ceramic output
capacitor.
There is also a right half plane (RHP) zero at angular
frequency:
(
)
L
D
1
R
2
OUT
2
Z
=
ω
(14)
ω
z2 decreases with increasing duty cycle D and increasing
I
OUT. Using the 5V to 12V boost regulator (1.35MHz) in
Figure 1(a) as an example,
=
8
.
6
A
74
.
0
V
5
R
OUT
POWER
STAGE
REFERENCE
VOLTAGE
1.242V
Gm
-
+
R3
C4
C6
RO
R2
COMP
R1
FB
C5
ESR
C2
R
OUT
V
OUT
V
IN
I
OUT
Figure 8. Simplified Block Diagram of a Boost Converter
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com