Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V24 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V24
Description  16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V24 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Logic Inputs
VIH
High Level Input Voltage
¾¾
0.8
´DVDD
¾¾
V
VIL
Low Level Input Voltage
¾¾
¾
¾
0.2
´DVDD
V
IIH
High Level Input Current
¾¾
¾
10
¾mA
IIL
Low Level Input Current
¾¾
¾
10
¾mA
CIN
Input Capacitance
¾¾
¾
10
¾
pF
Logic Outputs
VOH
High Level Output Voltage
¾¾
DVDD
-0.5
¾¾
V
VOL
Low Level Output Voltage
¾¾
¾
¾
0.5
V
IOH
High Level Output Current
5V
¾¾
0.7
¾
mA
IOL
Low Level Output Current
5V
¾¾
1.1
¾
mA
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Power Supplies
AVDD
Analog Power
¾¾
4.75
5
5.25
V
DVDD
Digital I/O Power
¾¾
3
5
5.25
V
Maximum Conversion Rate
fMAX3
3-channel Mode with CDS
¾¾
15
¾¾
MSPS
fMAX2
2-channel Mode with CDS
¾¾
15
¾¾
MSPS
fMAX1
1-channel Mode with CDS
¾¾
15
¾¾
MSPS
Accuracy (Entire Signal Path)
ADC Resolution
¾¾
¾
16
¾
Bits
Integral Nonlinear (INL)
¾¾
¾
±32
¾
LSB
Differential Nonlinear (DNL)
¾¾
-1
¾
1
LSB
Offset Error
¾¾
-150
¾
150
mV
Gain Error
¾¾
¾
5
¾
%FSR
Analog Inputs
RFS
Full-scale Input Range
¾¾
¾
2.0/3.0*
¾
Vp-p
Vi
Input Limits
¾¾
AVSS-0.3
¾
AVDD+0.3
V
Ci
Input Capacitance
¾¾
¾
10
¾
pF
Ii
Input Current
¾¾
¾
10
¾
nA
Amplifiers
PGA Gain at Minimum
¾¾
¾
1
¾
V/V
PGA Gain at Maximum
¾¾
¾
6
¾
V/V
PGA Gain Resolution
¾¾
¾
6
¾
Bits
Programmable Offset at Minimum
¾¾
¾
-300
¾
mV
Programmable Offset at Maximum
¾¾
¾
300
¾
mV
Offset Resolution
¾¾
¾
9
¾
Bits
HT82V24
Rev. 1.00
3
September 7, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com