Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2434 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2434
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2434 Datasheet HTML 1Page - Semtech Corporation SC2434 Datasheet HTML 2Page - Semtech Corporation SC2434 Datasheet HTML 3Page - Semtech Corporation SC2434 Datasheet HTML 4Page - Semtech Corporation SC2434 Datasheet HTML 5Page - Semtech Corporation SC2434 Datasheet HTML 6Page - Semtech Corporation SC2434 Datasheet HTML 7Page - Semtech Corporation SC2434 Datasheet HTML 8Page - Semtech Corporation SC2434 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC2434
TriPhase Current Mode Controller
with Power Good
May 18, 2005
Description
Features
The SC2434, a tri-phase, current mode controller is
designed to work with Semtech smart synchronous
drivers, such as the SC1205, SC1206, and SC1207 to
provide the DC/DC converter solution for the most
demanding Microprocessor applications. Input current
sensing is used to guarantee precision phase to phase
current matching using a single sense resistor on the
input power line. This topology reduces the power loss
and complexity associated with output current sense
methods. Multi phase operation allows significant
reduction in input/output ripple while enhancing
transient response. Two or three phase operation is
selectable. The DAC step size and range are program-
mable with external components thus allowing compliance
with new and emerging VID ranges. A novel approach
implements active droop to minimize output capacitors
during load transients.
!
12V input
!
Input sensing current mode control
!
Selectable 2 or 3 phase operation
!
Precision, pulse by pulse phase current matching
!
Active drooping allows for best transient response
!
Programmable internal oscillator to 1.5 MHz
!
Programmable DAC step size/offset allows compli-
ance with VRM9.0 and VRM9.2
!
VID 11111 Inhibit (No CPU)
!
Externally programmable soft-start
!
0% minimum duty cycle improves transient
response
!
Cycle by cycle current limiting plus hiccup
!
Power good signal
!
Intel Pentium-4 microprocessors
!
!
!
!
!
High performance desktop systems
Typical Application Circuit
Applications
+12V
C17
1uF
D1
1N4148
+5V
R2
2R2
R9
2R2
L4
600nH
+5V_ATX
C6
4.7uF
C21
1500uF/6.3V
D6
1N4148
+
C2
2200uF/16v
VID0
C24
1uF
R_OS
46.4K
C26
1500uF/6.3V
C23
2.2nF
C7
1500uF/6.3V
D3
1N4148
C16
4.7uF
M4
C10
1500uF/6.3V
U1
SC1205
1
2
3
4
5
6
7
8
DRN
TG
BST
CO
EN
VS
BG
PGND
C5
4.7uF
M5
R4
1R
C18
1500uF/6.3V
R29
100
VCCVID_PWRGD(Open Collector Input)
C32
1500uF/6.3V
+12V
VOUT
C35
1uF
C4
1uF
C9
1nF
M6
Differential
Pair
R_COMP
75K
C15
1uF
+12V
C22
1nF
L1
600nH
U2
SC2434
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VID4
VID3
VID2
VID1
VID0
PGIN
ERROUT
PGOUT
FB
OSCREF
DACREF
OC+
OC-
AGND
PC
OUT3
OUT2
OUT1
BGOUT
VCC
D2
1N4148
R10
1R
R5
20
D5
1N4148
C34
2.2nF
C28
1500uF/6.3V
R15
1K
R_OSC
31.6K
C27
1uF
L2
600nH
VID4
M3
R17
1
SM/R_1206
Differential
Pair
M2
R14
2R2
R6
1
SM/R_1206
C76
0.33uF
C75
0.33uF
C11
2.2nF
U3
SC1205
1
2
3
4
5
6
7
8
DRN
TG
BST
CO
EN
VS
BG
PGND
C33
1nF
C30
1500uF/6.3V
C14
1500uF/6.3V
R1
3m
R16
1R
M1
+
C1
2200uF/16v
V_PULL_UP
C19
1500uF/6.3V
R_FB
10K
C20
1500uF/6.3V
C77
0.33uF
R_DRP
187K
D4
1N4148
R3
2R2
C31
470pF
R8
NO POP
+
C3
2200uF/16v
VID3
R13
5.1K
C25
1500uF/6.3V
+5V
C12
1uF
AGND
C13
10nF
C_COMP
18pF
+12V_ATX
C29
100nF
VID1
C8
1uF
PWR_GOOD
R19
750
VID2
U4
SC1205
1
2
3
4
5
6
7
8
DRN
TG
BST
CO
EN
VS
BG
PGND
PGND
R_DAC
37.4K
L3
600nH
R11
1
SM/R_1206
R20
1K


Similar Part No. - SC2434

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC243 VITALCONN-SC243 Datasheet
467Kb / 3P
SFP2*4 CAGECONN
logo
Systemsensor advanced i...
SC2430 SYSTEMSENSOR-SC2430 Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2430 GAMEWELL-FCI-SC2430 Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
SC2430W SYSTEMSENSOR-SC2430W Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2430W GAMEWELL-FCI-SC2430W Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
More results

Similar Description - SC2434

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
STMicroelectronics
L6728_0706 STMICROELECTRONICS-L6728_0706 Datasheet
1Mb / 31P
Single phase PWM controller with Power Good
05-Jun-2008
logo
Linear Technology
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
Multiple Power Supply Tracking Controller with Power Good Timeout
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
STMicroelectronics
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
Single-phase PWM controller with Power Good
03-Feb-2010
L6728H STMICROELECTRONICS-L6728H Datasheet
1Mb / 32P
Single phase PWM controller with Power Good
20-May-2009
logo
Texas Instruments
UC1843-HIREL TI1-UC1843-HIREL Datasheet
214Kb / 10P
CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com