Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2434 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2434
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2434 Datasheet HTML 1Page - Semtech Corporation SC2434 Datasheet HTML 2Page - Semtech Corporation SC2434 Datasheet HTML 3Page - Semtech Corporation SC2434 Datasheet HTML 4Page - Semtech Corporation SC2434 Datasheet HTML 5Page - Semtech Corporation SC2434 Datasheet HTML 6Page - Semtech Corporation SC2434 Datasheet HTML 7Page - Semtech Corporation SC2434 Datasheet HTML 8Page - Semtech Corporation SC2434 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2434
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
n
i
a
G
r
e
i
f
il
p
m
AV
(
C
O
V
-
-
+
C
O
V
m
0
2
1
<
)9
.
8
13
.
9
17
.
9
1V
/
V
t
u
p
n
I
,
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
d
e
r
r
e
f
e
R
V
(
C
O --V
+
C
O
)< 2
1V
m
04
V
m
R
R
M
CV
M
C
I
=9 ~
V
4
1@
C
D0
8B
d
R
R
S
PV
C
C
=9 ~
V
4
1@
C
D0
8B
d
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
V
C
C
3
.
0
±V
t
n
e
r
r
u
C
/
l
a
n
g
i
S
l
a
i
t
n
e
r
e
f
f
i
D
x
a
M
d
l
o
h
s
e
r
h
T
t
i
m
i
L
V
-
C
O
-V
+
C
O
0
2
1V
m
y
a
l
e
D
t
i
m
i
L
-
I,
1
T
U
O
o
t
n
o
i
t
a
v
i
t
c
a
t
i
m
il
t
n
e
r
r
u
C
f
f
o
g
n
i
h
c
t
i
w
s
3
T
U
O
&
2
T
U
O
0
6s
n
O
L
V
U
c
c
V
d
l
o
h
s
e
r
h
T
p
u
-
p
m
a
R
5
.
7V
d
l
o
h
s
e
r
h
T
n
w
o
d
-
p
m
a
R
5
2
.
7V
)
3
T
U
O
,
2
T
U
O
,
1
T
U
O
(
s
t
u
p
t
u
O
e
s
a
h
P
r
e
P
e
l
c
y
C
y
t
u
D
x
a
MF
C
S
O
g
n
i
t
a
o
l
f
n
i
p
C
P
,
z
H
k
0
0
5
=1
3%
F
C
S
O
d
e
d
n
u
o
r
g
n
i
p
C
P
,
z
H
k
0
0
5
=7
4%
e
g
a
t
l
o
V
t
u
p
t
u
OR
L
k
0
1
=
Ω
h
g
i
h
,5
.
2V
R
L
k
0
1
=
Ω
w
o
l
,8
.
0
R
L
k
0
0
1
=
Ω
h
g
i
h
,3
.
3V
R
L
k
0
0
1
=
Ω
w
o
l
,2
.
0
t
u
p
n
I
c
i
g
o
L
d
l
o
h
s
e
r
h
T
c
i
g
o
L
D
I
V
)
2
(
)
1
(
8
.
02
V
e
c
n
a
d
e
p
m
I
c
i
g
o
L
D
I
VV
5
.
2
=
p
u
-
ll
u
p
l
a
n
r
e
t
n
I5
2k
Ω
l
o
r
t
n
o
C
e
s
a
h
P
d
l
o
h
s
e
r
h
T
c
i
g
o
L
)
2
(
8
.
02
V
p
u
-
ll
u
P
l
a
n
r
e
t
n
It
i
u
c
r
i
c
n
e
p
o
n
i
p
C
P5
.
2V
e
c
n
a
d
e
p
m
I
p
u
-
ll
u
P
l
a
n
r
e
t
n
I
5
2k
Ω
l
a
n
g
i
S
d
o
o
G
r
e
w
o
P
t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
Oh
g
i
h
c
i
g
o
L
=
D
O
O
G
R
W
P2
A
µ
t
n
e
r
r
u
C
k
n
i
S
x
a
M
d
o
o
G
r
e
w
o
PD
O
O
G
R
W
P<
V
8
.
04
A
m
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
8
.
0V
Notes:
1. If VIDs are left open, no external pull-up is required. When external pull-up is needed, use 3.3V.
2. Max logic input is recommended to be less than 5.5V.
Unless specified: V
CC = +12V, TAMB = 25°C, RDAC = 37.4kΩ, ROSC = 28.5kΩ. See Typical Application Circuit
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com