Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2608AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2608AEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC2608AEVB Datasheet HTML 1Page - Semtech Corporation SC2608AEVB Datasheet HTML 2Page - Semtech Corporation SC2608AEVB Datasheet HTML 3Page - Semtech Corporation SC2608AEVB Datasheet HTML 4Page - Semtech Corporation SC2608AEVB Datasheet HTML 5Page - Semtech Corporation SC2608AEVB Datasheet HTML 6Page - Semtech Corporation SC2608AEVB Datasheet HTML 7Page - Semtech Corporation SC2608AEVB Datasheet HTML 8Page - Semtech Corporation SC2608AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608A
Top View
(8-Pin SO-8)
n
i
Pn
i
P n
i
P n
i
Pn
i
P
#
#
#
#
#
e
m
a
N
n
i
Pe
m
a
N
n
i
P
e
m
a
N
n
i
P
e
m
a
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
Pn
o
i
t
c
n
u
F
n
i
P
n
o
i
t
c
n
u
F
n
i
P
n
o
i
t
c
n
u
F
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
S
B.r
e
v
ir
d
e
d
i
s
h
g
i
h
r
o
f
p
a
r
t
s
t
o
o
B
2H
D.
t
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
h
g
i
H
3D
N
G.
d
n
u
o
r
G
4L
D.
t
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
w
o
L
5C
C
V.
n
i
p
y
l
p
p
u
s
s
a
i
b
p
i
h
C
6e
s
n
e
S.
t
u
p
n
i
e
s
n
e
s
e
g
a
t
l
o
v
t
u
p
t
u
O
7
S
S
/
P
M
O
C
r
o
t
i
c
a
p
a
c
n
o
it
a
s
n
e
p
m
o
c
e
h
T
.
D
N
G
o
t
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
t
c
e
n
n
o
C
.
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
.
t
u
p
t
u
o
e
h
t
e
l
b
a
s
i
d
ll
i
w
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
p
y
B
.r
o
t
i
c
a
p
a
c
t
r
a
t
s
t
f
o
s
s
a
s
e
v
r
e
s
8E
S
A
H
P
.
s
T
E
F
S
O
M
e
h
t
n
e
e
w
t
e
b
e
d
o
n
g
n
i
h
c
t
i
w
s
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
PT
(
e
g
n
a
R
p
m
e
T
J)
T
R
T
S
A
8
0
6
2
C
S
)
2
(
8
-
O
S5
2
1
o
t
0
4
-
O
C
B
V
E
A
8
0
6
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel con-
tains 2500 devices.
(2) This device is fully WEEE and RoHS Compliant
1
BST
2
3
4
DH
5
DL
6
7
VCC
SENSE
8
COMP/SS
PHASE
GND
Pin Configuration
Ordering information
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com