Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2608AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2608AEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2608AEVB Datasheet HTML 7Page - Semtech Corporation SC2608AEVB Datasheet HTML 8Page - Semtech Corporation SC2608AEVB Datasheet HTML 9Page - Semtech Corporation SC2608AEVB Datasheet HTML 10Page - Semtech Corporation SC2608AEVB Datasheet HTML 11Page - Semtech Corporation SC2608AEVB Datasheet HTML 12Page - Semtech Corporation SC2608AEVB Datasheet HTML 13Page - Semtech Corporation SC2608AEVB Datasheet HTML 14Page - Semtech Corporation SC2608AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608A
Land Pattern - SO-8
(.205)
(5.20)
Z
G
Y
P
(C)
3.00
.118
1.27
.050
0.60
.024
2.20
.087
7.40
.291
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 300A.
2.
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com