Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC475A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC475A
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475A Datasheet(HTML) 1 Page - Semtech Corporation

  SC475A Datasheet HTML 1Page - Semtech Corporation SC475A Datasheet HTML 2Page - Semtech Corporation SC475A Datasheet HTML 3Page - Semtech Corporation SC475A Datasheet HTML 4Page - Semtech Corporation SC475A Datasheet HTML 5Page - Semtech Corporation SC475A Datasheet HTML 6Page - Semtech Corporation SC475A Datasheet HTML 7Page - Semtech Corporation SC475A Datasheet HTML 8Page - Semtech Corporation SC475A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC475A
Synchronous Buck Controller with
Dual-Level VOUT Transition Support
POWER MANAGEMENT
Description
Features
Applications
Notebook/Sub-Notebook Graphics Voltage
Controllers
Tablet PCs
Embedded Applications
V
OUT Programmable 0.75V to 5.25V with Integrated
Transition Support
V
BAT Range 3V to 25V
Soft Shutoff at Output
Current Sense Using Low-side R
DS(ON) or Resistor
Sensing
Adjustable Cycle-by-Cycle Valley Current Limit
325kHz Fixed-Frequency
Constant On-Time for Fast Dynamic Response and
Reduced Output Capacitance
Automatic Smart Power Save†
Internal Soft-Start
Over-Voltage/Under-Voltage Fault Protection
Power Good Output with Transition Blanking
1μA Typical Shutdown Current
500μA Typical Operating Current
Tiny 3×3mm, 16 Pin MLP Package
Low External Part Count
Industrial Temperature Range
0.85% Internal Reference
1A/3A Non-Overlapping Gate Drive with
SmartDriver™ Technology
High Efficiency > 90%
Device is Fully WEEE and RoHS Compliant
†Patent Pending
September 25, 2006
The SC475A is a versatile, constant on-time synchronous
buck, pseudo-fixed-frequency, PWM controller intended for
notebook computers and other battery operated portable
devices. The SC475A contains all the features needed to
provide cost-effective control of system elements needing
voltage slewing. An integrated switch provides two resistor-
programmable DC output voltages controlled by the G0
input.
The output voltage is adjustable from 0.75V to 5V.
Additional features include cycle-by-cycle current limit,
voltage soft-start, under-voltage protection, programmable
over-current protection, soft shutdown, automatic power
save and non-overlapping gate drive.
The SC475A
provides an enable input and a power good output which is
automatically blanked during output voltage transitions.
The constant on-time topology provides fast dynamic
response. The excellent transient response means that
SC475A based solutions require less output capacitance
than competing fixed-frequency converters. Switching
frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in
output voltage. After the transient event, the controller
frequency returns to steady state operation. At light loads,
the automatic power save mode reduces the SC475A
frequency for improved efficiency.


Similar Part No. - SC475A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470EVB SEMTECH-SC470EVB Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470IMLTRT SEMTECH-SC470IMLTRT Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470ITSTRT SEMTECH-SC470ITSTRT Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC475A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
SC471 SEMTECH-SC471_08 Datasheet
534Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Linear Technology
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
PolyPhase High VOUT Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com