Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC475A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC475A
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475A Datasheet(HTML) 3 Page - Semtech Corporation

  SC475A Datasheet HTML 1Page - Semtech Corporation SC475A Datasheet HTML 2Page - Semtech Corporation SC475A Datasheet HTML 3Page - Semtech Corporation SC475A Datasheet HTML 4Page - Semtech Corporation SC475A Datasheet HTML 5Page - Semtech Corporation SC475A Datasheet HTML 6Page - Semtech Corporation SC475A Datasheet HTML 7Page - Semtech Corporation SC475A Datasheet HTML 8Page - Semtech Corporation SC475A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
Absolute Maximum Rating
Electrical Characteristics
Parameter
Symbol
Min
Max
Units
DH, BST to GND (DC)
DH, BST to GND (transient - 100nsec max)
-0.3
-2.0
+30
+33
V
DL to GND (DC)
DL to GND (transient - 100nsec max)
-0.3
-2.0
+6.0
+6.0
V
LX to GND (DC)
LX to GND (transient - 100nsec max)
-0.3
-2.0
+25
+28
V
BST to LX
-0.3
+6.0
V
RTN to GND
-0.3
+0.3
V
VCC to RTN
-0.3
+6.0
V
D0, EN, FB, G0, ILIM, PGOOD, VOUT to RTN
-0.3
VCC + 0.3
V
Operating Junction Temperature Range
T
J
-40
+125
o
C
Storage Temperature Range
T
STG
-60
+150
o
C
Thermal Resistance, Junction to Ambient(1)
θ
JA
45
o
C/Watt
Peak IR Reflow Temperature, (10-40sec)
T
PKG
+260
o
C
ESD Rating (Human Body Model)
2
kV
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device reliability.
Note:
1) Calculated from package in still air, mounted 3” to 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Test Conditions: V
BAT = 15V, VOUT = 1.5V, TA = 25
o
C, 0.1% resistor dividers; VCC = 5.0V.
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VBAT Input Voltage
3.0
25
V
VCC Input Voltage
4.5
5.5
V
VCC Shutdown Current
EN = 0V
1
5
μA
VCC Operating Current
FB > 0.8V
500
1000
μA
Controller
FB On-Time Threshold
0 to 85°C
0.75
0.7436 0.7564
V
-40 to 85°C
0.7425 0.7575
Output Voltage Adjust Range(1)
0.75
5.25
V
D0 Pull-Down Resistance
D0 to RTN; G0 = RTN
15
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com