Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620SETRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 3Page - Semtech Corporation SC2620SETRT Datasheet HTML 4Page - Semtech Corporation SC2620SETRT Datasheet HTML 5Page - Semtech Corporation SC2620SETRT Datasheet HTML 6Page - Semtech Corporation SC2620SETRT Datasheet HTML 7Page - Semtech Corporation SC2620SETRT Datasheet HTML 8Page - Semtech Corporation SC2620SETRT Datasheet HTML 9Page - Semtech Corporation SC2620SETRT Datasheet HTML 10Page - Semtech Corporation SC2620SETRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Typical Characteristics
FB Overload Threshold
vs Temperature
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Soft-Start Pin Current
vs Soft-Start Voltage
-120
-100
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
VSS (V)
ISS of the Other
Channel (VSS = 0)
ISS of the
Swept Channel
T = 25°C
VIN =5V
Efficiency vs Load Current
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
VOUT1 = 3.3V
VOUT2 = 1.2V
Figure 1(a), VIN=12V
VIN Supply Current
vs Soft-Start Voltage
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
VSS (V)
VSS1 = VSS2
TA = 25°C
VIN = 5V
VCOMP1 = 0
VCOMP2 = 0
PGOOD1 Threshold to VFB
Difference Voltage vs Temperature
-100
-98
-96
-94
-92
-90
-50
-25
0
255075
100 125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com