Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620SETRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 13Page - Semtech Corporation SC2620SETRT Datasheet HTML 14Page - Semtech Corporation SC2620SETRT Datasheet HTML 15Page - Semtech Corporation SC2620SETRT Datasheet HTML 16Page - Semtech Corporation SC2620SETRT Datasheet HTML 17Page - Semtech Corporation SC2620SETRT Datasheet HTML 18Page - Semtech Corporation SC2620SETRT Datasheet HTML 19Page - Semtech Corporation SC2620SETRT Datasheet HTML 20Page - Semtech Corporation SC2620SETRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Applications Information
ground, then the COMP voltage will continue to rise to its
2.4V upper limit. The SC2620 will reach its cycle-by-cycle
current limit sometime during the soft-start charging phase
(see Figure 17(c)). As described previously, the switches in
the SC2620 either do not turn on at all or for at least
105ns. With the output shorted, the error amplifier will
command the regulator to operate at full duty cycle. The
current limit comparator will turn off the switch if the switch
current exceeds 3.2A. However, this happens only after
the switch is turned on for 105ns. During switch off time,
the inductor current ramps down at a slow rate determined
by the forward voltage of the freewheeling diode and the
resistance of the short. If the resulting reverse volt-second
is insufficient to reset the inductor before the start of the
next cycle, then the inductor current will keep increasing
until the diode forward voltage becomes high enough to
achieve volt-second balance. This makes the current limit
comparator ineffective. Short circuit robustness will be
enhanced if the switching frequency is set below 500kHz
at high V
IN (> 20V). This increases the off time and keeps
the inductor current within bounds. The regulator is to be
checked under realistic short circuit condition as the
residual resistance of the short can significantly influence
circuit behavior. Shortening the soft-start interval from the
onset of switching to hiccup enable also makes short circuit
operation more robust. A 22-47nF soft-start capacitor is
found adequate for most applications.
In Figure 17(c), Channel 2 undergoes repeated shutdown
and restart (“hiccup”) with its output shorted. V
SS appears
as an asymmetrical triangular wave. The resistance of the
short appears to be 17m
Ω.
Power Good Indicator
The PGOOD1 pin (Pin 15) is the open-collector output of
Channel 1 power good comparator. This slow comparator
is incorporated with a small amount of hysteresis. The FB
low-to-high trip voltage of the power good comparator is
90% of the final regulation voltage. A pull-up resistor from
the PGOOD1 pin to the input supply or the regulator output
sets the logic high level of the comparator.
The power good comparator output becomes valid provided
that V
IN is above 0.9V. In shutdown the power good output
is actively pulled low. A power good pull-up resistor tied to
the input will therefore increase current drain during
shutdown. Tying the power good pull-up resistor to the
regulator output is preferred, as this will minimize the
shutdown supply current. In shutdown there is no voltage
at the switching regulator output or current in the PGOOD1
pull-up resistor. If the PGOOD1 output high level (= V
OUT) is
unacceptably low, then power good pull-up from the input
or a separate power supply will be the only choice.
Sequencing the Outputs
As mentioned above, pulling either soft-start pin low with
an external transistor shuts off the corresponding regulator
(Figure 10). Releasing the soft-start pin enables that
channel and allows it to start. Delaying the release of the
soft-start pin of one channel with respect to the other is a
straightforward way of sequencing the outputs. Figure
10(a) shows this method using two external transistors
M
1 and M2. M1 is turned off first, allowing channel 1 to
start. Channel 2 is then enabled after time T
D.
PGOOD1 can also be used in conjunction with Channel 2
soft-start to delay start of that regulator. This method is
depicted in Figure 10(b). SS2 is pulled low and channel 2
is kept off until channel 1 output rises to 90% of its set
voltage.
Loop Compensation
Figure 11 shows a simplified equivalent circuit of a step-
down converter. The power stage, which consists of the
current-mode PWM comparator, the power switch, the
freewheeling diode and the inductor, feeds the output
network. The power stage can be modeled as a voltage-
controlled current source, producing an output current
proportional to its controlling input V
COMP.
Its
transconductance G
MP is 8Ω
-1
. With the current loop closed,
the control-to-output transfer function
COMP
OUT
v
v
has a
dominant-pole p
2 located at a frequency slightly higher
than that of the output filter pole.
1
OUT
1
OUT
OUT
2
p
C
R
n
C
V
nI
−
=
−
≈
ω
(8)
where C
1 is the output capacitor, ROUT is the equivalent
load resistance and n (depending on duty ratio, slope
compensation, frequency and passive components) is
usually between 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com