Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC620EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC620EVB
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC620EVB Datasheet HTML 1Page - Semtech Corporation SC620EVB Datasheet HTML 2Page - Semtech Corporation SC620EVB Datasheet HTML 3Page - Semtech Corporation SC620EVB Datasheet HTML 4Page - Semtech Corporation SC620EVB Datasheet HTML 5Page - Semtech Corporation SC620EVB Datasheet HTML 6Page - Semtech Corporation SC620EVB Datasheet HTML 7Page - Semtech Corporation SC620EVB Datasheet HTML 8Page - Semtech Corporation SC620EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
January 16, 2007
Typical Application Circuit
The SC620 is a multi-purpose LED driver with eight identi-
cal, independently controlled current sinks. Each current
sink can drive an LED by connecting the LED’s anode to
the system power supply and the cathode to the current
sink input pin. Any combination of outputs can be enabled
or disabled for optimal design flexibility.
In addition to the individual current settings, the SC620
employs an adjustable global current gain setting register
to allow the current setting step size to vary from 31.25μA
to 500μA, giving the designer a wide range of options for
LED variation and dimming functions. The maximum output
is also scaled by this step size, with a maximum of 25mA
at the highest step setting.
Multi-colored and white LEDs with different forward volt-
ages can be driven using the same SC620 due to its floating
cathode technology. This feature allows each output pin to
vary in voltage from 150mV to V
IN - 1.5V.
All current control is done via an I2C interface bus. Only a
single input bypass capacitor is required - no other exter-
nal resistors or capacitors are needed. The 3mm x 3mm
MLPQ package and minimal support components make
the SC620 an ideal solution for low-cost, area-conscious
backlighting designs.
Eight identical current drivers with independent
control
Wide current setting range - 31.25μA to 25mA
3% current matching, 5% accuracy
I2C interface for microprocessor control
I2C slave address 1110 000x
Less than 1μA quiescent current in shutdown
Low dropout voltage: ≤ 150mV
Over-temperature protection
MLPQ-UT-16 package (3mm x 3mm)
Ultra-thin 0.6mm maximum package height
Fully WEEE and RoHS compliant
LCD backlighting LED driver
Multicolor and RGB LED driver
General purpose current sink array
General purpose digital output (open-drain) expander
Auto-focus voice-coil driver
Features
Applications
Battery
SC620
VIN
2
SCL
11
SDA
10
EN
3
GND
1
GND
4
GND
9
GND
12
ILED1
5
ILED2
6
ILED3
7
ILED4
8
ILED6
14
ILED7
15
ILED8
16
ILED5
13
Sub Panel
Color/R/G/B LEDs
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
www.semtech.com
1
POWER MANAGEMENT
SC620
Octal LED Driver, General Purpose
Current Sink with Serial Interface


Similar Part No. - SC620EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC620EVB SEMTECH-SC620EVB Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
SC620EVB SEMTECH-SC620EVB Datasheet
252Kb / 18P
Octal LED Driver,General Purpose Current Sink With Serial Interface
More results

Similar Description - SC620EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Semtech Corporation
SC620 SEMTECH-SC620_07 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
100mA Current Sink VCM Driver with I2C Interface
logo
Semtech Corporation
SC620 SEMTECH-SC620_09 Datasheet
252Kb / 18P
Octal LED Driver,General Purpose Current Sink With Serial Interface
logo
Texas Instruments
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com