Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC620EVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC620EVB
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC620EVB Datasheet HTML 8Page - Semtech Corporation SC620EVB Datasheet HTML 9Page - Semtech Corporation SC620EVB Datasheet HTML 10Page - Semtech Corporation SC620EVB Datasheet HTML 11Page - Semtech Corporation SC620EVB Datasheet HTML 12Page - Semtech Corporation SC620EVB Datasheet HTML 13Page - Semtech Corporation SC620EVB Datasheet HTML 14Page - Semtech Corporation SC620EVB Datasheet HTML 15Page - Semtech Corporation SC620EVB Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Examples
Battery
SC620
VIN
2
SCL
11
SDA
10
EN
3
GND
1
GND
4
GND
9
GND
12
ILED1
5
ILED2
6
ILED3
7
ILED4
8
ILED6
14
ILED7
15
ILED8
16
ILED5
13
Sub Panel
Color/R/G/B LEDs
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
Main Backlight Plus Sub-panel Backlight Plus Single RGB LED
Example Circuit
This application example uses the SC620 to drive a
main display, a sub-panel display and an RGB LED.
Independent outputs allow these functions to
be
supported simultaniously at different intensities. The VIN
supply is typically single cell Li-Ion or 5.0V. VIN supply
and LED anode voltage may be from different sources.
The operating voltage limit of [VIN - 1.5V] at the sink pins
must be observed to achieve the specified accuracy of the
device.
12
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com