Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC416 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation SC416 Datasheet HTML 10Page - Semtech Corporation SC416 Datasheet HTML 11Page - Semtech Corporation SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation SC416 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SC416
12
Applications Information (continued)
Smart Psave Protection
In some applications, circuits connected to VOUT can leak
current from a higher voltage and thereby cause VOUT to
slowly rise and reach the OVP threshold, causing a hard
shutdown; the SC416 uses Smart Psave to prevent this.
When the output voltage exceeds 8% above nominal
(810mV at FB), that converter then exits Psave (if already
active), and DL drives high to energize the low-side MOS-
FET. This will draw current from VOUT via the inductor
causing VOUT to fall. When FB drops to the 750mV trip
point, a normal TON switching cycle begins. This meth-
od cycles energy from VOUT back to VIN and prevents
a hard OVP shutdown, and also minimizes operating
power by avoiding continuous conduction-mode opera-
tion. If a light load is present, DH/DL switching continues
for 8 consecutive cycles and then the IC returns to Psave
mode to reduce operating power.
Current Limit
For current limiting, the RDSON of the lower MOSFET can
be used as a current sensing element, or a sense resistor
at the lower MOSFET source can be used if greater accu-
racy is needed. RDSON sensing is more efficient and less
expensive. In both cases, the RILIM resistor sets the over-
current threshold. RILIM connects from the ILIM pin to ei-
ther the lower MOSFET drain (for RDSON sensing) or the
high side of the current-sense resistor. RILIM connects
to a 10μA current source from the ILIM pin which turns
on when the low-side MOSFET is on (DL is high). If the
voltage drop across the sense resistor or low-side MOS-
FET exceeds the voltage across RILIM, then the voltage at
the ILIM pin will be negative or below GND, and current
limit will activate. The high-side MOSFET is not allowed
to turn on until the voltage drop across the sense resis-
tor or MOSFET falls below the voltage across the RILIM
resistor (ILIM pin reaches GND). If the overload at the
output continues, the DH pulses will get farther apart,
and the output voltage will fall. Eventually the output
will fall enough to cause FB to drop to 525mV, activat-
ing the under-voltage protection and shutting down the
converter.
The current sensing scheme actually regulates the induc-
tor valley current, (see Figure 4). This means that if the
current limit is set to 10A, the peak current through the
inductor would be 10A plus the peak ripple current, and
the average current through the inductor would be 10A
plus ½ the peak-to-peak ripple current.
I LIMIT
I LOAD
IPEAK
TIME
Valley Current Limit
Figure 4
The RDSON sensing circuit is shown in Figure 5 with RIL-
IM = R1 and RDSON of Q2.
D1
VOUT
+5V
VIN
+
CIN
Q2
+
C3
D2
R1
PAD
DL
VDD
ILIM
LX
DH
BST
C2
Q1
L
Figure 5
The resistor sensing circuit with RILIM = R1 and RSENSE =
R4 is shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com