Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS202DL Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 16Page - STMicroelectronics LIS202DL Datasheet HTML 17Page - STMicroelectronics LIS202DL Datasheet HTML 18Page - STMicroelectronics LIS202DL Datasheet HTML 19Page - STMicroelectronics LIS202DL Datasheet HTML 20Page - STMicroelectronics LIS202DL Datasheet HTML 21Page - STMicroelectronics LIS202DL Datasheet HTML 22Page - STMicroelectronics LIS202DL Datasheet HTML 23Page - STMicroelectronics LIS202DL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Register description
LIS202DL
20/36
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The registers address, made of 7 bits, is used to identify them and to
write the data through serial interface.
7.1
WHO_AM_I (0Fh)
Device identification register.
This register contains the device identifier that for LIS202DL is set to 3Bh.
7.2
CTRL_REG1 (20h)
DR bit allows to select the data rate at which acceleration samples are produced. The
default value is 0 which corresponds to a data-rate of 100Hz. By changing the content of DR
to “1” the selected data-rate will be set equal to 400Hz.
PD bit allows to turn on the turn the device out of power-down mode. The device is in power-
down mode when PD= “0” (default value after boot). The device is in normal mode when PD
is set to 1.
Table 9.
Register
0
011
10
11
Table 10.
Register
DR
PD
FS
STP
STM
0(1)
1.
Bit to be set to “0” for correct device functionality
Yen
Xen
Table 11.
Register description
DR
Data rate selection. Default value: 0
(0: 100 Hz output data rate; 1: 400 Hz output data rate)
PD
Power Down Control. Default value: 0
(0: power down mode; 1: active mode)
FS
Full scale selection. Default value: 0
(refer to Table 2 for typical full scale value)
STP, STM
Self Test Enable. Default value: 00
(0: normal mode; 1: self test P, M enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com