Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS202DL Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 22Page - STMicroelectronics LIS202DL Datasheet HTML 23Page - STMicroelectronics LIS202DL Datasheet HTML 24Page - STMicroelectronics LIS202DL Datasheet HTML 25Page - STMicroelectronics LIS202DL Datasheet HTML 26Page - STMicroelectronics LIS202DL Datasheet HTML 27Page - STMicroelectronics LIS202DL Datasheet HTML 28Page - STMicroelectronics LIS202DL Datasheet HTML 29Page - STMicroelectronics LIS202DL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Register description
LIS202DL
26/36
7.13
WU_CFG_2 (34h)
7.14
WU_SRC_2 (35h)
Table 30.
Register
AOI
LIR
res_1
res_2
YHIE
YLIE
XHIE
XLIE
Table 31.
Register description
AOI
And/Or combination of Interrupt events. Default value: 0
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch Interrupt request into WU_SRC_2 reg with the WU_SRC_2 reg cleared by
reading WU_SRC_2 reg. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
res_1
Reserved at Value: 0. Value should not be changed.
res_2
Reserved at Value: 0. Value should not be changed.
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
Table 32.
Register
--
IA
--
--
YH
YL
XH
XL
Table 33.
Register description
IA
Interrupt Active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt events have been generated)
YH
Y High. Default value: 0
(0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0
(0: no interrupt; 1: YL event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com